Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18F8680 Datasheet(PDF) 256 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 256 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 252Page - Microchip Technology 18F8680 Datasheet HTML 253Page - Microchip Technology 18F8680 Datasheet HTML 254Page - Microchip Technology 18F8680 Datasheet HTML 255Page - Microchip Technology 18F8680 Datasheet HTML 256Page - Microchip Technology 18F8680 Datasheet HTML 257Page - Microchip Technology 18F8680 Datasheet HTML 258Page - Microchip Technology 18F8680 Datasheet HTML 259Page - Microchip Technology 18F8680 Datasheet HTML 260Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 496 page
background image
PIC18F6585/8585/6680/8680
DS30491C-page 254
 2004 Microchip Technology Inc.
19.1
A/D Acquisition Requirements
For the A/D converter to meet its specified accuracy,
the charge holding capacitor (CHOLD) must be allowed
to fully charge to the input channel voltage level. The
analog input model is shown in Figure 19-2. The
source impedance (RS) and the internal sampling
switch (RSS) impedance directly affect the time
required to charge the capacitor CHOLD. The sampling
switch (RSS) impedance varies over the device voltage
(VDD). The source impedance affects the offset voltage
at the analog input (due to pin leakage current). The
maximum recommended impedance for analog
sources is 2.5 k
Ω. After the analog input channel is
selected (changed), this acquisition must be done
before the conversion can be started.
To
calculate
the
minimum
acquisition
time,
Equation 19-1 may be used. This equation assumes
that 1/2 LSb error is used (1024 steps for the A/D). The
1/2 LSb error is the maximum error allowed for the A/D
to meet its specified resolution.
Example 19-1 shows the calculation of the minimum
required acquisition time, TACQ. This calculation is based
on the following application system assumptions:
CHOLD
=
120 pF
Rs
=
2.5 k
Ω
Conversion Error
≤
1/2 LSb
VDD
=5V
→ Rss = 7 kΩ
Temperature
=
50
°C (system max.)
VHOLD
=
0V @ time = 0
19.2
A/D VREF+ and VREF- References
If external voltage references are used instead of the
internal AVDD and AVSS sources, the source impedance
of the VREF+ and VREF- voltage sources must be consid-
ered. During acquisition, currents supplied by these
sources are insignificant. However, during conversion,
the A/D module sinks and sources current through the
reference sources. The effect of this current, as specified
in parameter A50, along with source impedance must be
considered to meet specified A/D resolution.
EQUATION 19-1:
ACQUISITION TIME
EQUATION 19-2:
A/D MINIMUM CHARGING TIME
EXAMPLE 19-1:
CALCULATING THE MINIMUM REQUIRED ACQUISITION TIME
Note:
When the conversion is started, the
holding capacitor is disconnected from the
input pin.
Note:
When using external voltage references
with the A/D converter, the source imped-
ance of the external voltage references
must be less than 20
Ω to obtain the spec-
ified A/D resolution. Higher reference
source impedances will increase both
offset and gain errors. Resistive voltage
dividers will not provide a sufficiently low
source impedance.
To maintain the best possible performance
in A/D conversions, external VREF inputs
should be buffered with an operational
amplifier or other low output impedance
circuit.
TACQ
=
Amplifier Settling Time + Holding Capacitor Charging Time + Temperature Coefficient
=TAMP + TC + TCOFF
VHOLD
=
(VREF – (VREF/2048)) • (1 – e(-Tc/C
HOLD
(RIC + RSS + RS)))
or
TC
=
-(120 pF)(1 k
Ω + RSS + RS) ln(1/2047)
TACQ
=TAMP + TC + TCOFF
Temperature coefficient is only required for temperatures > 25
°C.
TACQ
=2
µs + TC + [(Temp – 25°C)(0.05 µs/°C)]
TC
=-CHOLD (RIC + RSS + RS) ln(1/2047)
-120 pF (1 k
Ω + 7 kΩ + 2.5 kΩ) ln(0.0004885)
-120 pF (10.5 k
Ω) ln(0.0004885)
-1.26
µs (-7.6241)
9.61
µs
TACQ
=2
µs + 9.61 µs + [(50°C – 25°C)(0.05 µs/°C)]
11.61
µs + 1.25 µs
12.86
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com