Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18F8680 Datasheet(PDF) 271 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 271 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 267Page - Microchip Technology 18F8680 Datasheet HTML 268Page - Microchip Technology 18F8680 Datasheet HTML 269Page - Microchip Technology 18F8680 Datasheet HTML 270Page - Microchip Technology 18F8680 Datasheet HTML 271Page - Microchip Technology 18F8680 Datasheet HTML 272Page - Microchip Technology 18F8680 Datasheet HTML 273Page - Microchip Technology 18F8680 Datasheet HTML 274Page - Microchip Technology 18F8680 Datasheet HTML 275Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 496 page
background image
 2004 Microchip Technology Inc.
DS30491C-page 269
PIC18F6585/8585/6680/8680
22.0
LOW-VOLTAGE DETECT
In many applications, the ability to determine if the
device voltage (VDD) is below a specified voltage level
is a desirable feature. A window of operation for the
application can be created where the application soft-
ware can do “housekeeping tasks” before the device
voltage exits the valid operating range. This can be
done using the Low-Voltage Detect module.
This module is a software programmable circuitry
where a device voltage trip point can be specified.
When the voltage of the device becomes lower then the
specified point, an interrupt flag is set. If the interrupt is
enabled, the program execution will branch to the inter-
rupt vector address and the software can then respond
to that interrupt source.
The Low-Voltage Detect circuitry is completely under
software control. This allows the circuitry to be “turned
off” by the software which minimizes the current
consumption for the device.
Figure 22-1 shows a possible application voltage curve
(typically for batteries). Over time, the device voltage
decreases. When the device voltage equals voltage VA,
the LVD logic generates an interrupt. This occurs at
time TA. The application software then has the time,
until the device voltage is no longer in valid operating
range, to shut down the system. Voltage point VB is the
minimum valid operating voltage specification. This
occurs at time TB. The difference, TB – TA, is the total
time for shutdown.
FIGURE 22-1:
TYPICAL LOW-VOLTAGE DETECT APPLICATION
The block diagram for the LVD module is shown in
Figure 22-2. A comparator uses an internally gener-
ated reference voltage as the set point. When the
selected tap output of the device voltage crosses the
set point (is lower than), the LVDIF bit is set.
Each node in the resistor divider represents a “trip
point” voltage. The “trip point” voltage is the minimum
supply voltage level at which the device can operate
before the LVD module asserts an interrupt. When the
supply voltage is equal to the trip point, the voltage
tapped off of the resistor array is equal to the 1.2V
internal reference voltage generated by the voltage
reference module. The comparator then generates an
interrupt signal setting the LVDIF bit. This voltage is
software programmable to any one of 16 values (see
Figure 22-2).
The
trip
point
is
selected
by
programming the LVDL3:LVDL0 bits (LVDCON<3:0>).
Time
VA
VB
TA
TB
VA = LVD trip point
VB = Minimum valid device
operating voltage
Legend:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com