Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18F8680 Datasheet(PDF) 107 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 107 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 103Page - Microchip Technology 18F8680 Datasheet HTML 104Page - Microchip Technology 18F8680 Datasheet HTML 105Page - Microchip Technology 18F8680 Datasheet HTML 106Page - Microchip Technology 18F8680 Datasheet HTML 107Page - Microchip Technology 18F8680 Datasheet HTML 108Page - Microchip Technology 18F8680 Datasheet HTML 109Page - Microchip Technology 18F8680 Datasheet HTML 110Page - Microchip Technology 18F8680 Datasheet HTML 111Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 496 page
background image
 2004 Microchip Technology Inc.
DS30491C-page 105
PIC18F6585/8585/6680/8680
TABLE 7-1:
REGISTERS ASSOCIATED WITH DATA EEPROM MEMORY
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on
all other
Resets
INTCON
GIE/
GIEH
PEIE/
GIEL
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 000u
EEADRH
—
—
—
—
—
—
EE Addr High
---- --00
---- --00
EEADR
EEPROM Address Register
0000 0000
0000 0000
EEDATA
EEPROM Data Register
0000 0000
0000 0000
EECON2 EEPROM Control Register 2 (not a physical register)
—
—
EECON1 EEPGD
CFGS
—
FREE
WRERR
WREN
WR
RD
xx-0 x000
uu-0 u000
IPR2
—CMIP
—
EEIP
BCLIP
LVDIP
TMR3IP CCP2IP -1-1 1111 ---1 1111
PIR2
—CMIF
—
EEIF
BCLIF
LVDIF
TMR3IF CCP2IF -0-0 0000 ---0 0000
PIE2
—CMIE
—
EEIE
BCLIE
LVDIE
TMR3IE CCP2IE -0-0 0000 ---0 0000
Legend: x = unknown, u = unchanged, r = reserved, – = unimplemented, read as ‘0’.
Shaded cells are not used during Flash/EEPROM access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com