Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18F8680 Datasheet(PDF) 143 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 143 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 139Page - Microchip Technology 18F8680 Datasheet HTML 140Page - Microchip Technology 18F8680 Datasheet HTML 141Page - Microchip Technology 18F8680 Datasheet HTML 142Page - Microchip Technology 18F8680 Datasheet HTML 143Page - Microchip Technology 18F8680 Datasheet HTML 144Page - Microchip Technology 18F8680 Datasheet HTML 145Page - Microchip Technology 18F8680 Datasheet HTML 146Page - Microchip Technology 18F8680 Datasheet HTML 147Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 496 page
background image
 2004 Microchip Technology Inc.
DS30491C-page 141
PIC18F6585/8585/6680/8680
TABLE 10-11: PORTF FUNCTIONS
TABLE 10-12: SUMMARY OF REGISTERS ASSOCIATED WITH PORTF
Name
Bit#
Buffer Type
Function
RF0/AN5
bit 0
ST
Input/output port pin or analog input.
RF1/AN6/C2OUT
bit 1
ST
Input/output port pin, analog input or comparator 2 output.
RF2/AN7/C1OUT
bit 2
ST
Input/output port pin, analog input or comparator 1 output.
RF3/AN8/C2IN+
bit 3
ST
Input/output port pin, analog input or comparator 2 input (+).
RF4/AN9/C2IN-
bit 4
ST
Input/output port pin, analog input or comparator 2 input (-).
RF5/AN10/
C1IN+/CVREF
bit 5
ST
Input/output port pin, analog input, comparator 1 input (+) or
comparator reference output.
RF6/AN11/C1IN-
bit 6
ST
Input/output port pin, analog input or comparator 1 input (-).
RF7/SS
bit 7
ST/TTL
Input/output port pin or slave select pin for synchronous serial port.
Legend: ST = Schmitt Trigger input, TTL = TTL input
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on
all other
Resets
TRISF
PORTF Data Direction Control Register
1111 1111
1111 1111
PORTF
Read PORTF pin/Write PORTF Data Latch
xxxx xxxx
uuuu uuuu
LATF
Read PORTF Data Latch/Write PORTF Data Latch
0000 0000
uuuu uuuu
ADCON1
—
—
VCFG1 VCFG0 PCFG3 PCFG2 PCFG1 PCFG0
--00 0000
--00 0000
CMCON
C2OUT
C1OUT
C2INV
C1INV
CIS
CM2
CM1
CM0
0000 0000
0000 0000
CVRCON CVREN
CVROE
CVRR
CVRSS
CVR3
CVR2
CVR1
CVR0
0000 0000
0000 0000
Legend: x = unknown, u = unchanged. Shaded cells are not used by PORTF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com