Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F4680IMLSQTP Datasheet(PDF) 146 Page - Microchip Technology

Part # PIC18F4680IMLSQTP
Description  PIC18F2585/2680/4585/4680 Data Sheet
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4680IMLSQTP Datasheet(HTML) 146 Page - Microchip Technology

Back Button PIC18F4680IMLSQTP Datasheet HTML 142Page - Microchip Technology PIC18F4680IMLSQTP Datasheet HTML 143Page - Microchip Technology PIC18F4680IMLSQTP Datasheet HTML 144Page - Microchip Technology PIC18F4680IMLSQTP Datasheet HTML 145Page - Microchip Technology PIC18F4680IMLSQTP Datasheet HTML 146Page - Microchip Technology PIC18F4680IMLSQTP Datasheet HTML 147Page - Microchip Technology PIC18F4680IMLSQTP Datasheet HTML 148Page - Microchip Technology PIC18F4680IMLSQTP Datasheet HTML 149Page - Microchip Technology PIC18F4680IMLSQTP Datasheet HTML 150Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 482 page
background image
PIC18F2585/2680/4585/4680
DS39625C-page 144
Preliminary
© 2007 Microchip Technology Inc.
10.6
Parallel Slave Port
In addition to its function as a general I/O port, PORTD
can also operate as an 8-bit wide Parallel Slave Port
(PSP) or microprocessor port. PSP operation is
controlled by the 4 upper bits of the TRISE register
(Register 10-1).
Setting
control
bit,
PSPMODE
(TRISE<4>), enables PSP operation, as long as the
Enhanced CCP1 (ECCP1) module is not operating in
dual output or quad output PWM mode. In Slave mode,
the port is asynchronously readable and writable by the
external world.
The PSP can directly interface to an 8-bit micro-
processor data bus. The external microprocessor can
read or write the PORTD latch as an 8-bit latch. Setting
the control bit PSPMODE enables the PORTE I/O pins
to become control inputs for the microprocessor port.
When set, port pin RE0 is the RD input, RE1 is the WR
input and RE2 is the CS (Chip Select) input. For this
functionality, the corresponding data direction bits of
the TRISE register (TRISE<2:0>) must be configured
as inputs (set). The A/D port configuration bits,
PFCG3:PFCG0 (ADCON1<3:0>), must also be set to
‘1010’.
A write to the PSP occurs when both the CS and WR
lines are first detected low and ends when either are
detected high. The PSPIF and IBF flag bits are both set
when the write ends.
A read from the PSP occurs when both the CS and RD
lines are first detected low. The data in PORTD is read
out and the OBF bit is set. If the user writes new data
to PORTD to set OBF, the data is immediately read out;
however, the OBF bit is not set.
When either the CS or RD lines are detected high, the
PORTD pins return to the input state and the PSPIF bit
is set. User applications should wait for PSPIF to be set
before servicing the PSP; when this happens, the IBF
and OBF bits can be polled and the appropriate action
taken.
The timing for the control signals in Write and Read
modes is shown in Figure 10-3 and Figure 10-4,
respectively.
FIGURE 10-2:
PORTD AND PORTE
BLOCK DIAGRAM
(PARALLEL SLAVE PORT)
Note:
The Parallel Slave Port is only available on
PIC18F4X8X devices.
Data Bus
WR LATD
RDx pin
Q
D
CK
EN
QD
EN
RD PORTD
One bit of PORTD
Set Interrupt Flag
PSPIF (PIR1<7>)
Read
Chip Select
Write
RD
CS
WR
TTL
TTL
TTL
TTL
or
WR PORTD
RD LATD
Data Latch
Note:
I/O pins have diode protection to VDD and VSS.
PORTE Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com