Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F5015 Datasheet(PDF) 128 Page - Microchip Technology

Part # DSPIC30F5015
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F5015 Datasheet(HTML) 128 Page - Microchip Technology

Back Button DSPIC30F5015 Datasheet HTML 124Page - Microchip Technology DSPIC30F5015 Datasheet HTML 125Page - Microchip Technology DSPIC30F5015 Datasheet HTML 126Page - Microchip Technology DSPIC30F5015 Datasheet HTML 127Page - Microchip Technology DSPIC30F5015 Datasheet HTML 128Page - Microchip Technology DSPIC30F5015 Datasheet HTML 129Page - Microchip Technology DSPIC30F5015 Datasheet HTML 130Page - Microchip Technology DSPIC30F5015 Datasheet HTML 131Page - Microchip Technology DSPIC30F5015 Datasheet HTML 132Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 236 page
background image
dsPIC30F4011/4012
DS70135E-page 126
© 2007 Microchip Technology Inc.
19.4
Message Reception
19.4.1
RECEIVE BUFFERS
The CAN bus module has 3 receive buffers. However,
one of the receive buffers is always committed to mon-
itoring the bus for incoming messages. This buffer is
called the message assembly buffer (MAB). There are
two receive buffers, visibly denoted as RXB0 and
RXB1, that can essentially instantaneously receive a
complete message from the protocol engine.
All messages are assembled by the MAB, and are
transferred to the RXBn buffers only if the acceptance
filter criterion is met. When a message is received, the
RXxIF flag (C1INTF<0> or C1INIF<1>) will be set. This
bit can only be set by the module when a message is
received. The bit is cleared by the CPU when it has
completed processing the message in the buffer. If the
RXxIE bit (C1INTE<0> or C1INTE<1>) is set, an
interrupt will be generated when a message is
received.
RXF0 and RXF1 filters with the RXM0 mask are
associated with RXB0. The filters, RXF2, RXF3, RXF4
and RXF5, and the mask, RXM1, are associated with
RXB1.
19.4.2
MESSAGE ACCEPTANCE FILTERS
The message acceptance filters and masks are used to
determine if a message in the message assembly
buffer should be loaded into either of the receive buff-
ers. Once a valid message has been received into the
Message Assembly Buffer (MAB), the identifier fields of
the message are compared to the filter values. If there
is a match, that message will be loaded into the
appropriate receive buffer.
The acceptance filter looks at incoming messages for
the RXIDE bit (CiRXnSID<0>) to determine how to
compare the identifiers. If the RXIDE bit is clear, the
message is a standard frame and only filters with the
EXIDE bit (C1RXFxSID<0>) clear are compared. If the
RXIDE bit is set, the message is an extended frame
and only filters with the EXIDE bit set are compared.
19.4.3
MESSAGE ACCEPTANCE FILTER
MASKS
The mask bits essentially determine which bits to apply
the filter to. If any mask bit is set to a zero, then that bit
will automatically be accepted regardless of the filter
bit. There are 2 programmable acceptance filter masks
associated with the receive buffers, one for each buffer.
19.4.4
RECEIVE OVERRUN
An overrun condition occurs when the Message
Assembly Buffer (MAB) has assembled a valid
received message, the message is accepted through
the acceptance filters, and when the receive buffer
associated with the filter has not been designated as
clear of the previous message.
The overrun error flag, RXxOVR (C1INTF<15> or
C1INTF<14>) and the ERRIF bit (C1INTF<5>) will be
set and the message in the MAB will be discarded.
If the DBEN bit is clear, RXB1 and RXB0 operate inde-
pendently. When this is the case, a message intended
for RXB0 will not be diverted into RXB1 if RXB0
contains an unread message and the RX0OVR bit will
be set.
If the DBEN bit is set, the overrun for RXB0 is handled
differently. If a valid message is received for RXB0 and
RXFUL = 1, it indicates that RXB0 is full and
RXFUL = 0 indicates that RXB1 is empty, the message
for RXB0 will be loaded into RXB1. An overrun error will
not be generated for RXB0. If a valid message is
received for RXB0 and RXFUL = 1, and RXFUL = 1
indicates that both RXB0 and RXB1 are full, the
message will be lost and an overrun will be indicated
for RXB1.
19.4.5
RECEIVE ERRORS
The CAN module will detect the following receive
errors:
• Cyclic Redundancy Check (CRC) Error
• Bit Stuffing Error
• Invalid Message Receive Error
These receive errors do not generate an interrupt.
However, the receive error counter is incremented by
one in case one of these errors occur. The RXWAR bit
(C1INTF<9>) indicates that the receive error counter
has reached the CPU warning limit of 96 and an
interrupt is generated.
19.4.6
RECEIVE INTERRUPTS
Receive interrupts can be divided into 3 major groups,
each including various conditions that generate
interrupts:
19.4.6.1
Receive Interrupt
A message has been successfully received and loaded
into one of the receive buffers. This interrupt is acti-
vated immediately after receiving the End-of-Frame
(EOF) field. Reading the RXxIF flag will indicate which
receive buffer caused the interrupt.
19.4.6.2
Wake-up Interrupt
The CAN module has woken up from Disable mode or
the device has woken up from Sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com