Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F5015 Datasheet(PDF) 143 Page - Microchip Technology

Part # DSPIC30F5015
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F5015 Datasheet(HTML) 143 Page - Microchip Technology

Back Button DSPIC30F5015 Datasheet HTML 139Page - Microchip Technology DSPIC30F5015 Datasheet HTML 140Page - Microchip Technology DSPIC30F5015 Datasheet HTML 141Page - Microchip Technology DSPIC30F5015 Datasheet HTML 142Page - Microchip Technology DSPIC30F5015 Datasheet HTML 143Page - Microchip Technology DSPIC30F5015 Datasheet HTML 144Page - Microchip Technology DSPIC30F5015 Datasheet HTML 145Page - Microchip Technology DSPIC30F5015 Datasheet HTML 146Page - Microchip Technology DSPIC30F5015 Datasheet HTML 147Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 236 page
background image
© 2007 Microchip Technology Inc.
DS70135E-page 141
dsPIC30F4011/4012
20.9
Module Power-Down Modes
The module has 3 internal power modes. When the
ADON bit is ‘1’, the module is in Active mode; it is fully
powered and functional. When ADON is ‘0’, the module
is in Off mode. The digital and analog portions of the
circuit are disabled for maximum current savings. In
order to return to the Active mode from Off mode, the
user must wait for the ADC circuitry to stabilize.
20.10 A/D Operation During CPU Sleep
and Idle Modes
20.10.1
A/D OPERATION DURING CPU
SLEEP MODE
When the device enters Sleep mode, all clock sources
to the module are shut down and stay at logic ‘0’.
If Sleep occurs in the middle of a conversion, the
conversion is aborted. The converter will not continue
with a partially completed conversion on exit from
Sleep mode.
Register contents are not affected by the device
entering or leaving Sleep mode.
The ADC module can operate during Sleep mode if the
A/D clock source is set to RC (ADRC = 1). When the
RC clock source is selected, the ADC module waits
one instruction cycle before starting the conversion.
This allows the SLEEP instruction to be executed,
which eliminates all digital switching noise from the
conversion. When the conversion is complete, the
DONE bit is set and the result is loaded into the
ADCBUFx register.
If the A/D interrupt is enabled, the device wakes up
from Sleep. If the A/D interrupt is not enabled, the ADC
module is then turned off, although the ADON bit
remains set.
20.10.2
A/D OPERATION DURING CPU IDLE
MODE
The ADSIDL bit selects if the module stops on Idle or
continues on Idle. If ADSIDL = 0, the module continues
operation on assertion of Idle mode. If ADSIDL = 1, the
module stops on Idle.
20.11 Effects of a Reset
A device Reset forces all registers to their Reset state.
This forces the ADC module to be turned off, and any
conversion and acquisition sequence is aborted. The
values that are in the ADCBUFx registers are not
modified. The A/D Result register contains unknown
data after a Power-on Reset.
20.12 Output Formats
The A/D result is 10 bits wide. The data buffer RAM is
also 10 bits wide. The 10-bit data can be read in one of
four different formats. The FORM<1:0> bits select the
format. Each of the output formats translates to a 16-bit
result on the data bus.
Write data will always be in right justified (integer)
format.
FIGURE 20-4:
A/D OUTPUT DATA FORMATS
RAM Contents:
d09 d08 d07 d06 d05 d04 d03 d02 d01 d00
Read to Bus:
Signed Fractional (1.15)
d09 d08 d07 d06 d05 d04 d03 d02 d01 d00
000000
Fractional (1.15)
d09 d08 d07 d06 d05 d04 d03 d02 d01 d00
000000
Signed Integer
d09 d09 d09 d09 d09 d09 d09 d08 d07 d06 d05 d04 d03 d02 d01 d00
Integer
0
0
0
0
0
0
d09 d08 d07 d06 d05 d04 d03 d02 d01 d00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com