Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F5015 Datasheet(PDF) 148 Page - Microchip Technology

Part # DSPIC30F5015
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F5015 Datasheet(HTML) 148 Page - Microchip Technology

Back Button DSPIC30F5015 Datasheet HTML 144Page - Microchip Technology DSPIC30F5015 Datasheet HTML 145Page - Microchip Technology DSPIC30F5015 Datasheet HTML 146Page - Microchip Technology DSPIC30F5015 Datasheet HTML 147Page - Microchip Technology DSPIC30F5015 Datasheet HTML 148Page - Microchip Technology DSPIC30F5015 Datasheet HTML 149Page - Microchip Technology DSPIC30F5015 Datasheet HTML 150Page - Microchip Technology DSPIC30F5015 Datasheet HTML 151Page - Microchip Technology DSPIC30F5015 Datasheet HTML 152Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 236 page
background image
dsPIC30F4011/4012
DS70135E-page 146
© 2007 Microchip Technology Inc.
TABLE 21-1:
OSCILLATOR OPERATING MODES
Oscillator Mode
Description
XTL
200 kHz-4 MHz crystal on OSC1:OSC2
XT
4 MHz-10 MHz crystal on OSC1:OSC2
XT w/PLL 4x
4 MHz-10 MHz crystal on OSC1:OSC2, 4x PLL enabled
XT w/PLL 8x
4 MHz-10 MHz crystal on OSC1:OSC2, 8x PLL enabled
XT w/PLL 16x
4 MHz-10 MHz crystal on OSC1:OSC2, 16x PLL enabled(1)
LP
32 kHz crystal on SOSCO:SOSCI(2)
HS
10 MHz-25 MHz crystal
EC
External clock input (0-40 MHz)
ECIO
External clock input (0-40 MHz), OSC2 pin is I/O
EC w/PLL 4x
External clock input (0-40 MHz), OSC2 pin is I/O, 4x PLL enabled(1)
EC w/PLL 8x
External clock input (0-40 MHz), OSC2 pin is I/O, 8x PLL enabled(1)
EC w/PLL 16x
External clock input (0-40 MHz), OSC2 pin is I/O, 16x PLL enabled(1)
ERC
External RC oscillator, OSC2 pin is FOSC/4 output(3)
ERCIO
External RC oscillator, OSC2 pin is I/O(3)
FRC
8 MHz internal RC oscillator
FRC w/PLL 4x
7.37 MHz Internal RC oscillator, 4x PLL enabled
FRC w/PLL 8x
7.37 MHz Internal RC oscillator, 8x PLL enabled
FRC w/PLL 16x
7.37 MHz Internal RC oscillator, 16x PLL enabled
LPRC
512 kHz internal RC oscillator
Note 1:
The dsPIC30F maximum operating frequency of 120 MHz must be met.
2:
LP oscillator can be conveniently shared as a system clock, as well as a Real-Time Clock for Timer1.
3:
Requires external R and C. Frequency operation up to 4 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com