Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F5015 Datasheet(PDF) 177 Page - Microchip Technology

Part # DSPIC30F5015
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F5015 Datasheet(HTML) 177 Page - Microchip Technology

Back Button DSPIC30F5015 Datasheet HTML 173Page - Microchip Technology DSPIC30F5015 Datasheet HTML 174Page - Microchip Technology DSPIC30F5015 Datasheet HTML 175Page - Microchip Technology DSPIC30F5015 Datasheet HTML 176Page - Microchip Technology DSPIC30F5015 Datasheet HTML 177Page - Microchip Technology DSPIC30F5015 Datasheet HTML 178Page - Microchip Technology DSPIC30F5015 Datasheet HTML 179Page - Microchip Technology DSPIC30F5015 Datasheet HTML 180Page - Microchip Technology DSPIC30F5015 Datasheet HTML 181Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 236 page
background image
© 2007 Microchip Technology Inc.
Confidential
DS70135E-page 175
dsPIC30F4011/4012
TABLE 24-7:
DC CHARACTERISTICS: POWER-DOWN CURRENT (IPD)
DC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Parameter
No.
Typical(1)
Max
Units
Conditions
Power-Down Current (IPD)(2)
DC60a
0.3
—
μA
25°C
3.3V
Base power-down current(3)
DC60b
1
30
μA
85°C
DC60c
12
60
μA
125°C
DC60e
0.5
—
μA
25°C
5V
DC60f
2
45
μA
85°C
DC60g
17
90
μA
125°C
DC61a
5
8
μA
25°C
3.3V
Watchdog Timer current:
ΔIWDT(3)
DC61b
5
8
μA
85°C
DC61c
6
9
μA
125°C
DC61e
10
15
μA
25°C
5V
DC61f
10
15
μA
85°C
DC61g
11
17
μA
125°C
DC62a
4
10
μA
25°C
3.3V
Timer1 w/32 kHz crystal:
ΔITI32(3)
DC62b
5
10
μA
85°C
DC62c
4
10
μA
125°C
DC62e
4
15
μA
25°C
5V
DC62f
6
15
μA
85°C
DC62g
5
15
μA
125°C
DC63a
32
48
μA
25°C
3.3V
BOR on:
ΔIBOR(3)
DC63b
35
53
μA
85°C
DC63c
37
56
μA
125°C
DC63e
37
56
μA
25°C
5V
DC63f
41
62
μA
85°C
DC63g
57
86
μA
125°C
Note 1:
Data in “Typ” column is at 5V, 25°C unless otherwise stated. Parameters are for design guidance only and
are not tested.
2:
These parameters are characterized but not tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com