Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F2010 Datasheet(PDF) 147 Page - Microchip Technology

Part # DSPIC30F2010
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2010 Datasheet(HTML) 147 Page - Microchip Technology

Back Button DSPIC30F2010 Datasheet HTML 143Page - Microchip Technology DSPIC30F2010 Datasheet HTML 144Page - Microchip Technology DSPIC30F2010 Datasheet HTML 145Page - Microchip Technology DSPIC30F2010 Datasheet HTML 146Page - Microchip Technology DSPIC30F2010 Datasheet HTML 147Page - Microchip Technology DSPIC30F2010 Datasheet HTML 148Page - Microchip Technology DSPIC30F2010 Datasheet HTML 149Page - Microchip Technology DSPIC30F2010 Datasheet HTML 150Page - Microchip Technology DSPIC30F2010 Datasheet HTML 151Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 236 page
background image
TABLE 20-2:
ADC REGISTER MAP
SFR Name Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
ADCBUF0
0280
—
—
—
—
—
—
ADC Data Buffer 0
0000 00uu uuuu uuuu
ADCBUF1
0282
—
—
—
—
—
—
ADC Data Buffer 1
0000 00uu uuuu uuuu
ADCBUF2
0284
—
—
—
—
—
—
ADC Data Buffer 2
0000 00uu uuuu uuuu
ADCBUF3
0286
—
—
—
—
—
—
ADC Data Buffer 3
0000 00uu uuuu uuuu
ADCBUF4
0288
—
—
—
—
—
—
ADC Data Buffer 4
0000 00uu uuuu uuuu
ADCBUF5
028A
—
—
—
—
—
—
ADC Data Buffer 5
0000 00uu uuuu uuuu
ADCBUF6
028C
—
—
—
—
—
—
ADC Data Buffer 6
0000 00uu uuuu uuuu
ADCBUF7
028E
—
—
—
—
—
—
ADC Data Buffer 7
0000 00uu uuuu uuuu
ADCBUF8
0290
—
—
—
—
—
—
ADC Data Buffer 8
0000 00uu uuuu uuuu
ADCBUF9
0292
—
—
—
—
—
—
ADC Data Buffer 9
0000 00uu uuuu uuuu
ADCBUFA
0294
—
—
—
—
—
—
ADC Data Buffer 10
0000 00uu uuuu uuuu
ADCBUFB
0296
—
—
—
—
—
—
ADC Data Buffer 11
0000 00uu uuuu uuuu
ADCBUFC
0298
—
—
—
—
—
—
ADC Data Buffer 12
0000 00uu uuuu uuuu
ADCBUFD
029A
—
—
—
—
—
—
ADC Data Buffer 13
0000 00uu uuuu uuuu
ADCBUFE
029C
—
—
—
—
—
—
ADC Data Buffer 14
0000 00uu uuuu uuuu
ADCBUFF
029E
—
—
—
—
—
—
ADC Data Buffer 15
0000 00uu uuuu uuuu
ADCON1
02A0
ADON
—ADSIDL
—
—
—
FORM<1:0>
SSRC<2:0>
—
SIMSAM
ASAM
SAMP
DONE
0000 0000 0000 0000
ADCON2
02A2
VCFG<2:0>
—
—
CSCNA
CHPS<1:0>
BUFS
—SMPI<3:0>
BUFM
ALTS
0000 0000 0000 0000
ADCON3
02A4
—
—
—
SAMC<4:0>
ADRC
—ADCS<5:0>
0000 0000 0000 0000
ADCHS
02A6
CH123NB<1:0>
CH123SB
CH0NB
CH0SB<3:0>
CH123NA<1:0>
CH123SA CH0NA
CH0SA<3:0>
0000 0000 0000 0000
ADPCFG
02A8
PCFG15 PCFG14
PCFG13
PCFG12 PCFG11 PCFG10 PCFG9 PCFG8 PCFG7 PCFG6
PCFG5
PCFG4
PCFG3
PCFG2 PCFG1 PCFG0
0000 0000 0000 0000
ADCSSL
02AA
CSSL15
CSSL14
CSSL13
CSSL12
CSSL11
CSSL10
CSSL9
CSSL8
CSSL7
CSSL6
CSSL5
CSSL4
CSSL3
CSSL2
CSSL1
CSSL0
0000 0000 0000 0000
Legend:
u
= uninitialized bit
Note:
Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com