Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F2010 Datasheet(PDF) 181 Page - Microchip Technology

Part # DSPIC30F2010
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2010 Datasheet(HTML) 181 Page - Microchip Technology

Back Button DSPIC30F2010 Datasheet HTML 177Page - Microchip Technology DSPIC30F2010 Datasheet HTML 178Page - Microchip Technology DSPIC30F2010 Datasheet HTML 179Page - Microchip Technology DSPIC30F2010 Datasheet HTML 180Page - Microchip Technology DSPIC30F2010 Datasheet HTML 181Page - Microchip Technology DSPIC30F2010 Datasheet HTML 182Page - Microchip Technology DSPIC30F2010 Datasheet HTML 183Page - Microchip Technology DSPIC30F2010 Datasheet HTML 184Page - Microchip Technology DSPIC30F2010 Datasheet HTML 185Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 236 page
background image
© 2007 Microchip Technology Inc.
DS70150C-page 179
dsPIC30F6010A/6015
TABLE 24-7:
DC CHARACTERISTICS: IDLE CURRENT (IIDLE)
DC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Parameter
No.
Typical(1,2)
Max
Units
Conditions
Operating Current (IDD)(3)
DC51a
9.0
14
mA
25°C
3.3V
0.128 MIPS
LPRC (512 kHz)
DC51b
9.0
14
mA
85°C
DC51c
9.0
14
mA
125°C
DC51e
17
26
mA
25°C
5V
DC51f
16
26
mA
85°C
DC51g
16
26
mA
125°C
DC50a
11
18
mA
25°C
3.3V
(1.8 MIPS)
FRC (7.37 MHz)
DC50b
12
18
mA
85°C
DC50c
11
18
mA
125°C
DC50e
25
38
mA
25°C
5V
DC50f
24
38
mA
85°C
DC50g
23
38
mA
125°C
DC43a
19
30
mA
25°C
3.3V
4 MIPS
DC43b
20
30
mA
85°C
DC43c
20
30
mA
125°C
DC43e
34
51
mA
25°C
5V
DC43f
33
51
mA
85°C
DC43g
33
51
mA
125°C
DC44a
34
53
mA
25°C
3.3V
10 MIPS
DC44b
35
53
mA
85°C
DC44c
35
53
mA
125°C
DC44e
59
89
mA
25°C
5V
DC44f
59
89
mA
85°C
DC44g
59
89
mA
125°C
DC47a
59
70
mA
25°C
3.3V
20 MIPS
DC47b
60
70
mA
85°C
DC47d
99
115
mA
25°C
5V
DC47e
99
115
mA
85°C
DC47f
100
115
mA
125°C
DC49a
138
155
mA
25°C
5V
30 MIPS
DC49b
139
155
mA
85°C
Note 1:
Data in “Typical” column is at 5V, 25°C unless otherwise stated. Parameters are for design guidance only
and are not tested.
2:
Base IIDLE current is measured with Core off, Clock on and all modules turned off.
3:
The supply current is mainly a function of the operating voltage and frequency. Other factors such as I/O
pin loading and switching rate, oscillator type, internal code execution pattern and temperature also have
an impact on the current consumption. The test conditions for all IDD measurements are as follows: OSC1
driven with external square wave from rail-to-rail. All I/O pins are configured as Inputs and pulled to VDD.
MCLR = VDD, WDT, FSCM, LVD and BOR are disabled. CPU, SRAM, Program Memory and Data
Memory are operational. No peripheral modules are operating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com