| Electronic Components Datasheet Search |
|
DSPIC30F4012 Datasheet(PDF) 155 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F4012 Datasheet(HTML) 155 Page - Microchip Technology |
|
155 / 236 page ![]() © 2007 Microchip Technology Inc. DS70150C-page 153 dsPIC30F6010A/6015 21.2.8 PROTECTION AGAINST ACCIDENTAL WRITES TO OSCCON A write to the OSCCON register is intentionally made difficult because it controls clock switching and clock scaling. To write to the OSCCON low byte, the following code sequence must be executed without any other instructions in between: Byte write is allowed for one instruction cycle. Write the desired value or use bit manipulation instruction. To write to the OSCCON high byte, the following instructions must be executed without any other instructions in between: Byte write is allowed for one instruction cycle. Write the desired value or use bit manipulation instruction. 21.3 Reset The dsPIC30F differentiates between various kinds of Reset: a) Power-on Reset (POR) b) MCLR Reset during normal operation c) MCLR Reset during Sleep d) Watchdog Timer (WDT) Reset (during normal operation) e) Programmable Brown-out Reset (BOR) f) RESET Instruction g) Reset caused by trap lockup (TRAPR) h) Reset caused by illegal opcode, or by using an uninitialized W register as an Address Pointer (IOPUWR) Different registers are affected in different ways by various Reset conditions. Most registers are not affected by a WDT wake-up, since this is viewed as the resumption of normal operation. Status bits from the RCON register are set or cleared differently in different Reset situations, as indicated in Table 21-5. These bits are used in software to determine the nature of the Reset. A block diagram of the on-chip Reset circuit is shown in Figure 21-2. A MCLR noise filter is provided in the MCLR Reset path. The filter detects and ignores small pulses. Internally generated Resets do not drive MCLR pin low. FIGURE 21-2: RESET SYSTEM BLOCK DIAGRAM Byte Write “0x46” to OSCCON low Byte Write “0x57” to OSCCON low Byte Write “0x78” to OSCCON high Byte Write “0x9A” to OSCCON high S R Q MCLR VDD VDD Rise Detect POR SYSRST Sleep or Idle Brown-out Reset BOREN RESET Instruction WDT Module Digital Glitch Filter BOR Trap Conflict Illegal Opcode/ Uninitialized W Register |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |