Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX2000 Datasheet(PDF) 258 Page - Microsemi Corporation

Part # AX2000
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX2000 Datasheet(HTML) 258 Page - Microsemi Corporation

Back Button AX2000 Datasheet HTML 254Page - Microsemi Corporation AX2000 Datasheet HTML 255Page - Microsemi Corporation AX2000 Datasheet HTML 256Page - Microsemi Corporation AX2000 Datasheet HTML 257Page - Microsemi Corporation AX2000 Datasheet HTML 258Page - Microsemi Corporation AX2000 Datasheet HTML 259Page - Microsemi Corporation AX2000 Datasheet HTML 260Page - Microsemi Corporation AX2000 Datasheet HTML 261Page - Microsemi Corporation AX2000 Datasheet HTML 262Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 258 / 262 page
background image
Datasheet Information
4- 4
R ev isio n 1 8
Revision 10
(continued)
The "TRST" section was updated.
2-107
The "Global Set Fuse" section was added.
2-109
A footnote was added to "FG896" for the AX2000 regarding pins AB1, AE2, G1,
and K2.
3-52
Pinouts for the AX250, AX500, and AX1000 were added for "CQ352".
3-98
Pinout for the AX1000 was added for "CG624".
3-115
Revision 9
(v2.1)
Table 2-79 was updated.
2-69
The "Low Power Mode" section was updated.
2-106
Revision 8
(v2.0)
Table 1 has been updated.
i
The "Ordering Information" section has been updated.
ii
The "Device Resources" section has been updated.
ii
The "Temperature Grade Offerings" section is new.
iii
The "Speed Grade and Temperature Grade Matrix" section has been updated.
iii
Table 2-9 has been updated.
2-12
Table 2-10 has been updated.
2-12
Table 2-1 has been updated.
2-1
Table 2-2 has been updated.
2-1
Table 2-3 has been updated.
2-2
Table 2-4 has been updated.
2-3
Table 2-5 has been updated.
2-4
The "Power Estimation Example" section has been updated.
2-5
The "Thermal Characteristics" section has been updated.
2-6
The "Package Thermal Characteristics" section has been updated.
2-6
The "Timing Characteristics" section has been updated.
2-7
The "Pin Descriptions" section has been updated.
2-9
Timing numbers have been updated from the "3.3 V LVTTL" section to the
"Timing Characteristics" section. Many AC Loads were updated as well.
2-25 to 2-59
Timing characteristics for the "Hardwired Clocks" and "Routed Clocks" sections
were updated.
2-66, 2-68
Table 2-89 to Table 2-92 and Table 2-98 to Table 2-99 were updated.
2-90 to 2-93,
2-102 to
2-103
The following sections were updated:
"Low Power Mode", "Interface", "Data Registers (DRs)", "Security", "Silicon
Explorer II Probe Interface", and "Programming"
2-106 to
2-110
In the "PQ208" (AX500) section, pins 2, 52, and 156 changed from VCCDA to
VCCA. For pins 170 and 171, the I/O names refer to pair 23 instead of 24.
3-84
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com