Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C971VCW Datasheet(PDF) 182 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 182 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 178Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 179Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 180Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 181Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 182Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 183Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 184Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 185Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 186Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 265 page
background image
182
Am79C971
P R E L I M INARY
LADRF
The Logical Address Filter (LADRF) is a 64-bit mask
that is used to accept incoming Logical Addresses. If
the first bit in the incoming address (as transmitted on
the wire) is a 1, it indicates a logical address. If the first
bit is a 0, it is a physical address and is compared
against the physical address that was loaded through
the initialization block.
A logical address is passed through the CRC genera-
tor, producing a 32-bit result. The high order 6 bits of
the CRC is used to select one of the 64 bit positions in
the Logical Address Filter. If the selected filter bit is set,
the address is accepted and the frame is placed into
memory.
The Logical Address Filter is used in multicast address-
ing schemes. The acceptance of the incoming frame
based on the filter value indicates that the message
may be intended for the node. It is the node’s responsi-
bility to determine if the message is actually intended
for the node by comparing the destination address of
the stored message with a list of acceptable logical ad-
dresses.
If the Logical Address Filter is loaded with all zeros and
promiscuous mode is disabled, all incoming logical ad-
dresses except broadcast will be rejected. See Figure
57.
Figure 57.
Address Match Logic
PADR
This 48-bit value represents the unique node address
assigned by the ISO 8802-3 (IEEE/ANSI 802.3) and
used for internal address comparison. PADR[0] is com-
pared with the first bit in the destination address of the
incoming frame. It must be 0 since only the destination
address of a unicast frames is compared to PADR. The
six hex-digit nomenclature used by the ISO 8802-3
(IEEE/ANSI 802.3) maps to the Am79C971 PADR reg-
ister as follows: the first byte is compared with
PADR[7:0], with PADR[0] being the least significant bit
of the byte. The second ISO 8802-3 (IEEE/ANSI 802.3)
byte is compared with PADR[15:8], again from the least
significant bit to the most significant bit, and so on. The
sixth byte is compared with PADR[47:40], the least sig-
nificant bit being PADR[40].
Table 45.
R/TLEN Decoding (SSIZE32 = 1)
R/TLEN
Number of DREs
0000
1
0001
2
0010
4
0011
8
0100
16
0101
32
0110
64
0111
128
1000
256
1001
512
11XX
512
1X1X
512
1
CRC
GEN
SEL
31
26
MUX
63
0
64
Match = 1 Packet Accepted
Match = 0 Packet Rejected
Match
Logical
Address Filter
(LADRF)
0
6
32-Bit Resultant CRC
1
0
Received Message
Destination Address
47
20550D-60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com