Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C971VCW Datasheet(PDF) 202 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 202 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 198Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 199Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 200Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 201Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 202Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 203Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 204Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 205Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 206Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 265 page
background image
202
Am79C971
DC CHARACTERISTICS OVER COMMERCIAL OPERATING RANGES UNLESS
OTHERWISE SPECIFIED (CONTINUED)
Notes:
2. OL1 applies to AD[31:00], C/BE[3:0], PAR and REQ
OL2 applies to DEVSEL, FRAME, INTA, IRDY, PERR, SERR, STOP, TRDY, EECS, EEDI, EBUA_EBA[7:0], EBDA[15:8],
EBD[7:0], EROMCS, ERAMCS, AS_EBOE, EBWE, TXD[3:0], TX_EN, TX_ER, MDC, MDIO and TDO.
IOL3 applies to EESK/LED1/SFBD, LED2/SRDCLK,
EEDO/LED3/SRD, and EEDI/LED0.
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Units
Twisted Pair Interface (10BASE-T) (Cont’d)
VTHS-
RXD post-squelch negative
threshold (peak)
Sinusoid 5 MHz
≤ f ≤ 10 MHz
LRT = 0 (CSR15, bit 9)
-293
-150
mV
VLTSQ+
RXD positive squelch threshold
(peak)
Sinusoid 5 MHz
≤ f ≤ 10 MHz
LRT = 1 (CSR15, bit 9)
180
312
mV
VLTSQ-
RXD negative squelch threshold
(peak)
Sinusoid 5 MHz
≤ f ≤ 10 MHz
LRT = 1 (CSR15, bit 9)
-312
-180
mV
VLTHS+
RXD post-squelch positive threshold
(peak)
Sinusoid 5 MHz
≤ f ≤ 10 MHz
LRT = 1 (CSR15, bit 9)
90
176
mV
VLTHS-
RXD post-squelch negative
threshold (peak)
Sinusoid 5 MHz
≤ f ≤10 MHz
LRT = 1 (CSR15, bit 9)
-176
-90
mV
VRXDTH
RXD switching threshold
(Note 4)
-35
35
mV
VTXH
TXD
± and TXP± output HIGH
voltage
VSS= 0 V
VDD - 0.6
VDD
V
VTXL
TXD
± and TXP± output LOW
voltage
VDD= 5 V
VSS
VSS + 0.6
V
VTXI
TXD
± and TXP± differential output
voltage imbalance
-40
40
mV
VTXOFF
TXD
± and TXP± idle output voltage
40
mV
RTX
TXD
±, TXP± differential driver
output impedance
(Note 4)
80
_
Attachment Unit Interface (AUI)
IIAXD
Input Current at
DI+ and DI-
-1V < VIN < AVDD + 0.5 V
-500
+500
µA
IIAXC
Input current at
CI+ and CI-
-1V < VIN < AVDD + 0.5 V
-500
+500
µA
VAOD
Differential Output Voltage |(DO+)-
(DO-)|
RL = 78
Ω
630
1200
mV
VAODOFF
Transmit Differential Output Idle
Voltage
RL = 78
Ω
(Note 9)
-40
40
mV
IAODOFF
Transmit Differential Output Idle
Current
RL = 78
Ω (Note 8)
-1
1
mA
VCMT
Transmit Output Common Mode
Voltage
RL = 78
Ω
2.5
AVDD
V
VODI
DO
± Transmit Differential Output
Voltage Imbalance
RL = 78
Ω
(Note 7)
25
mV
VATH
Receive Data Differential Input
Threshold
-35
35
mV
VASQ
DI
± and CI± Differential Input
Threshold (Squelch)
-275
-160
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com