Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C971VCW Datasheet(PDF) 109 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 109 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 105Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 106Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 107Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 108Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 109Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 110Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 111Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 112Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 113Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 265 page
background image
Am79C971
109
errors through the SERR pin and
the SERR bit in the PCI Status
register.
PERREN
is
cleared
by
H_RESET and is not effected by
S_RESET or by setting the STOP
bit.
5
VGASNOOPVGA Palette Snoop. Read as ze-
ro; write operations have no ef-
fect.
4
MWIEN
Memory Write and Invalidate Cy-
cle Enable. Read as zero; write
operations have no effect. The
Am79C971 controller only gener-
ates Memory Write cycles.
3
SCYCEN
Special Cycle Enable. Read as
zero; write operations have no ef-
fect. The Am79C971 controller
ignores all Special Cycle opera-
tions.
2
BMEN
Bus
Master
Enable.
Setting
BMEN enables the Am79C971
controller to become a bus mas-
ter on the PCI bus. The host must
set BMEN before setting the INIT
or STRT bit in CSR0 of the
Am79C971 controller.
BMEN is cleared by H_RESET
and is not effected by S_RESET
or by setting the STOP bit.
1
MEMEN
Memory Space Access Enable.
The Am79C971 controller will ig-
nore all memory accesses when
MEMEN is cleared. The host
must set MEMEN before the first
memory access to the device.
For memory mapped I/O, the
host must program the PCI Mem-
ory Mapped I/O Base Address
register with a valid memory ad-
dress before setting MEMEN.
For accesses to the Expansion
ROM, the host must program the
PCI Expansion ROM Base Ad-
dress register at offset 30h with a
valid memory address before set-
ting MEMEN. The Am79C971
controller will only respond to ac-
cesses to the Expansion ROM
when both ROMEN (PCI Expan-
sion ROM Base Address register,
bit 0) and MEMEN are set to 1.
Since MEMEN also enables the
memory mapped access to the
Am79C971 I/O resources, the
PCI Memory Mapped I/O Base
Address register must be pro-
grammed with an address so that
the device does not claim cycles
not intended for it.
MEMEN is cleared by H_RESET
and is not effected by S_RESET
or by setting the STOP bit.
0
IOEN
I/O Space Access Enable. The
Am79C971 controller will ignore
all I/O accesses when IOEN is
cleared. The host must set IOEN
before the first I/O access to the
device. The PCI I/O Base Ad-
dress
register
must
be
pro-
grammed with a valid I/O address
before setting IOEN.
IOEN is cleared by H_RESET
and is not effected by S_RESET
or by setting the STOP bit.
PCI Status Register
Offset 06h
The PCI Status register is a 16-bit register that contains
status information for the PCI bus related events. It is
located at offset 06h in the PCI Configuration Space.
Bit
Name
Description
15
PERR
Parity Error. PERR is set when
the Am79C971 controller detects
a parity error.
The Am79C971 controller sam-
ples the AD[31:0], C/BE[3:0], and
the PAR lines for a parity error at
the following times:
• In slave mode, during the ad-
dress phase of any PCI bus com-
mand.
• In slave mode, for all I/O, mem-
ory and configuration write com-
mands that select the Am79C971
controller when data is trans-
ferred (TRDY and IRDY are as-
serted).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com