Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C971VCW Datasheet(PDF) 143 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 143 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 139Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 140Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 141Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 142Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 143Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 144Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 145Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 146Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 147Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 265 page
background image
Am79C971
143
P R E L I M INARY
DMA is requested. Note however
that, if the network interface is op-
erating in half-duplex mode, in or-
der
for
receive
DMA
to
be
performed for a new frame, at
least 64 bytes must have been re-
ceived. This effectively avoids
having to react to receive frames
which are runts or suffer a colli-
sion during the slot time (512 bit
times). If the Runt Packet Accept
feature is enabled or if the net-
work interface is operating in full-
duplex mode, receive DMA will
be requested as soon as either
the RCVFW threshold is reached,
or a complete valid receive frame
is detected (regardless of length).
When the FDRPAD (BCR9, bit 2)
is set and the Am79C971 control-
ler is in full-duplex mode, in order
to receive DMA to be performed
for a new frame, at least 64 bytes
must have been received. This
effectively disables the runt pack-
et accept feature in full duplex.
When operating in the NO-SRAM
mode (no SRAM present), the
Bus Receive FIFO and the MAC
Receive operate like a single
FIFO and the watermark value
selected by RCVFW[1:0] sets the
number of bytes that must be
present in the FIFO before re-
ceive DMA is requested.
NOTE: A “No SRAM configura-
tion” is only valid for 10Mb mode.
In 100Mb mode, SRAM is man-
datory and must always be used.
When operating with an external
SRAM, the Bus Receive FIFO,
and the MAC Receive FIFO oper-
ate independently on the bus side
and MAC side of the external
SRAM, respectively. In this case,
the
watermark
value
set
by
RCVFW[1:0] sets the number of
bytes that must be present in the
Bus Receive FIFO only. See Ta-
ble 27.
Table 27.
Receive Watermark Programming
Read/Write accessible only when
either the STOP or the SPND bit
is set. RCVFW[1:0] is set to a val-
ue
of
01b
(64
bytes)
after
H_RESET or S_RESET and is
unaffected by STOP.
11-10 XMTSP[1:0] Transmit Start Point. XMTSP
controls the point at which pream-
ble transmission attempts to com-
mence in relation to the number
of bytes written to the MAC
Transmit FIFO for the current
transmit frame. When the entire
frame is in the MAC Transmit
FIFO, transmission will start re-
gardless of the value in XMTSP.
If the network interface is operat-
ing in half-duplex mode, regard-
less of XMTSP, the FIFO will not
internally overwrite its data until
at least 64 bytes (or the entire
frame if shorter than 64 bytes)
have been transmitted onto the
network. This ensures that for
collisions within the slot time win-
dow, transmit data need not be
rewritten to the Transmit FIFO,
and retries will be handled auton-
omously by the MAC. If the Dis-
able Retry feature is enabled, or if
the network is operating in full-du-
plex mode, the Am79C971 con-
troller
can
overwrite
the
beginning of the frame as soon as
the data is transmitted, because
no collision handling is required in
these modes.
Note
that
when
an
external
SRAM is being used, if the NOU-
FLO bit (BCR18, bit 11) is set to
1, there is the additional restric-
tion that the complete transmit
frame must be DMA’d into the
Am79C971 controller and reside
within a combination of the Bus
Transmit
FIFO,
the
external
SRAM, and the MAC Transmit
FIFO.
RCVFW[1:0]
Bytes Received
00
16
01
64
10
112
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com