Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C976 Datasheet(PDF) 219 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 219 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 215Page - Advanced Micro Devices AM79C976 Datasheet HTML 216Page - Advanced Micro Devices AM79C976 Datasheet HTML 217Page - Advanced Micro Devices AM79C976 Datasheet HTML 218Page - Advanced Micro Devices AM79C976 Datasheet HTML 219Page - Advanced Micro Devices AM79C976 Datasheet HTML 220Page - Advanced Micro Devices AM79C976 Datasheet HTML 221Page - Advanced Micro Devices AM79C976 Datasheet HTML 222Page - Advanced Micro Devices AM79C976 Datasheet HTML 223Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 309 page
background image
8/01/00
Am79C976
219
P R E L I M INARY
external PHY. This bit is needed
when there is no way to guaran-
tee the state of the external PHY.
This bit must be reprogrammed
after every H_RESET.
Read/Write
accessible.
XPH-
YRST is set to 0 by H_RESET
and is unaffected by S_RESET
and the STOP bit. XPHYRST is
only valid when the internal Net-
work Port Manager is scanning
for a network port.
5
XPHYANE
External PHY Auto-Negotiation
Enable. This bit will force the ex-
ternal PHY into enabling Auto-
Negotiation. When set to 0 the
Am79C976 controller will send a
MII management frame disabling
Auto-Negotiation.
Read/Write
accessible.
XPHYANE
is
set
to
0
by
H_RESET and is unaffected by
S_RESET and the STOP bit.
XPHYANE is only valid when the
internal Network Port Manager is
scanning for a network port.
4
XPHYFD
External PHY Full Duplex. When
set, this bit will force the external
PHY into full duplex when Auto-
Negotiation is not enabled.
Read/Write accessible. XPHYFD
is set to 0 by H_RESET, and is
unaffected by S_RESET and the
STOP bit. XPHYFD is only valid
when the internal Network Port
Manager is scanning for a net-
work port.
3
XPHYSP
External PHY Speed. When set,
this bit will force the external PHY
into 100 Mbps mode when Auto-
Negotiation is not enabled.
Read/Write accessible. XPHYSP
is set to 0 by H_RESET, and is
unaffected by S_RESET and the
STOP bit. XPHYSP is only valid
when the internal Network Port
Manager is scanning for a net-
work port.
2
RES
Reserved location. Written as ze-
ros and read as undefined.
1
MIIILP
Media Independent Interface In-
ternal Loopback. When set, this
bit will cause the internal portion
of the MII data port to loop back
on itself. The interface is mapped
in
the
following
way.
The
TXD[3:0] nibble data path is
looped back onto the RXD[3:0]
nibble data path. TX_CLK is
looped back as RX_CLK. TX_EN
is looped back as RX_DV. CRS is
correctly OR’d with TX_EN and
RX_DV and always encompass-
es the transmit frame. TX_ER is
looped back as RX_ER. Howev-
er, TX_ER will not get asserted
by the Am79C976 controller to
signal an error. The TX_ER func-
tion is reserved for future use.
Read/Write accessible. MIIILP is
set to 0 by H_RESET and is unaf-
fected by S_RESET and the
STOP bit.
0
RES
Reserved location. Written as ze-
ros and read as undefined.
%&50,, $GGUHVV5HJLVWHU
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-10
RES
Reserved locations. Written as
zeros and read as undefined.
9-5
PHYAD
MII Management Frame PHY Ad-
dress. PHYAD contains the 5-bit
PHY Address field that is used in
the management frame that gets
clocked out via the MII manage-
ment port pins (MDC and MDIO)
whenever a read or write transac-
tion occurs to BCR34. The PHY
address 1Fh is not valid.
Read/Write accessible. PHYAD
is undefined after H_RESET and
is unaffected by S_RESET and
the STOP bit.
The PHYAD field is loaded from
bits [9:5] of the AUTOPOLL0 reg-
ister when AUTOPOLL0 is load-
ed from EEPROM.
4-0
REGAD
MII Management Frame Register
Address. REGAD contains the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com