Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C976 Datasheet(PDF) 304 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 304 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 300Page - Advanced Micro Devices AM79C976 Datasheet HTML 301Page - Advanced Micro Devices AM79C976 Datasheet HTML 302Page - Advanced Micro Devices AM79C976 Datasheet HTML 303Page - Advanced Micro Devices AM79C976 Datasheet HTML 304Page - Advanced Micro Devices AM79C976 Datasheet HTML 305Page - Advanced Micro Devices AM79C976 Datasheet HTML 306Page - Advanced Micro Devices AM79C976 Datasheet HTML 307Page - Advanced Micro Devices AM79C976 Datasheet HTML 308Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 309 page
background image
INDEX-5
Am79C976
8/01/00
P R E L I M INARY
Flash Read from Expansion Bus
Data Port . . . . . . . . . . . . . . . . . . . . . . . . . . . .95
Flash/EPROM Read . . . . . . . . . . . . . . . . . . .94
FLASH_ADDR
Flash Address Register . . . . . . . . . . . . . .150
FLASH_DATA
Flash Data Register . . . . . . . . . . . . . . . . .150
FLCS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .29
FLOE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .29
FLOW
Flow Control Register . . . . . . . . . . . . . . .151
Flow, LAPP . . . . . . . . . . . . . . . . . . . . . . . . .A-2
FMDC Values . . . . . . . . . . . . . . . . . . . . . . .218
FRAME . . . . . . . . . . . . . . . . . . . . . . . . . . . . .24
Frame Format at the MII Interface
Connection . . . . . . . . . . . . . . . . . . . . . . . . . . .83
Framing . . . . . . . . . . . . . . . . . . . . . . . . . . . . .66
Full-Duplex Link Status LED Support . . . . .81
Full-Duplex Operation . . . . . . . . . . . . . . . . . .80
G
General Description . . . . . . . . . . . . . . . . . . . . 3
GNT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .24
H
H_RESET . . . . . . . . . . . . . . . . . . . . . . . . . .104
I
I/O Buffer Ground (25 Pins) . . . . . . . . . . . . .31
I/O Map In DWord I/O Mode
(DWIO = 1) . . . . . . . . . . . . . . . . . . . . . . . . .109
I/O Registers . . . . . . . . . . . . . . . . . . . . . . . .107
I/O Resources . . . . . . . . . . . . . . . . . . . . . . .106
IDSEL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .24
IEEE 1149.1 (1990) Test Access Port
Interface . . . . . . . . . . . . . . . . . . . . . . . . .31, 103
IEEE 1149.1 Test Access Port Interface
(JTAG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .23
IEEE 802.3 Frame And Length Field
Transmission Order . . . . . . . . . . . . . . . . . . . .73
IFS1
Inter-Frame Spacing Part 1 Register . . . .152
Initialization . . . . . . . . . . . . . . . . . . . . . . . . . .59
Initialization Block . . . . . . . . . . . . . . . . . . . 225
Initialization Block (SSIZE32 = 0) . . . . . . .225
Initialization Block (SSIZE32 = 1) . . . . . . .225
Initialization Block DMA Transfers . . . . . . .52
Initialization Device Select . . . . . . . . . . . . . .24
Initiator Ready . . . . . . . . . . . . . . . . . . . . . . . .25
Input Setup and Hold Timing . . . . . . . . . . .272
Instruction Register and Decoding
Logic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 104
INT0
Interrupt0 . . . . . . . . . . . . . . . . . . . . . . . . . 153
INTA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
INTEN0
Interrupt0 Enable . . . . . . . . . . . . . . . . . . . 155
Interface Pin Assignment . . . . . . . . . . 149, 211
Interrupt Request . . . . . . . . . . . . . . . . . . . . . . 24
IPG
Inter-Packet Gap Register . . . . . . . . . . . . 157
IRDY 25
J
JTAG (IEEE 1149.1) TCK Waveform
for 5 V Signaling . . . . . . . . . . . . . . . . . . . . . 276
JTAG (IEEE 1149.1) Test Signal
Timing . . . . . . . . . . . . . . . . . . . . . . . . .276, 277
K
Key to Switching Waveforms . . . . . . . . . . . 270
L
LAPP 3 Buffer Grouping . . . . . . . . . . . . . .A-5
LAPP 3 Buffer Grouping for
Two-Interrupt Method . . . . . . . . . . . . . . . .A-10
LAPP Flow
Two-Interrupt Method . . . . . . . . . . . . . . . A-8
LAPP Timeline A-4
LAPP Timeline for Two-Interrupt
Method . . . . . . . . . . . . . . . . . . . . . . . . . . . . .A-9
Late Collision . . . . . . . . . . . . . . . . . . . . . . . . 71
LED Control Logic. . . . . . . . . . . . . . . . . . . . 99
LED Default Configuration . . . . . . . . . . . . . . 99
LED Support . . . . . . . . . . . . . . . . . . . . . . . . . 98
LED0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
LED0 Control Register . . . . . . . . . . . . . . . . 158
LED1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
LED1 Control Register . . . . . . . . . . . . . . . . 159
LED2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
LED2 Control Register . . . . . . . . . . . . . . . . 159
LED3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
LED3 Control Register . . . . . . . . . . . . . . . . 159
Legal I/O Accesses in Double Word
I/O Mode (DWIO =1) . . . . . . . . . . . . . . . . . 109
Legal I/O Accesses in Word I/O Mode
(DWIO = 0) . . . . . . . . . . . . . . . . . . . . . . . . . 109
Logical Address Filter Register . . . . . . . . . . 157
Look-Ahead Packet Processing . . . . . . . . . . . . 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com