| Electronic Components Datasheet Search |
|
AM79C976 Datasheet(PDF) 162 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C976 Datasheet(HTML) 162 Page - Advanced Micro Devices |
|
162 / 309 page ![]() 162 Am79C976 8/01/00 P R E L I M INARY This register is an alias of BCR38. The contents of this register are cleared to 0 when the RST pin is asserted, before the serial EEPROM is read, and after a serial EEPROM read error. 3&,'$7$3&, '$7$ 5HJLVWHU7ZR$OLDV5HJLVWHU Offset 1C0h This register is identical to the PCI Data Register Zero Alias Register except that it contains the data that ap- pears in the DATA_SCALE field of the PCI Power Man- agement Control/Status Register (PMCSR) and the PCI Data Register when the DATA_SEL field of PMCSR is set to 2. This register is an alias of BCR39. The contents of this register are cleared to 0 when the RST pin is asserted, before the serial EEPROM is read, and after a serial EEPROM read error. 3&,'$7$ 3&, '$7$ 5HJLVWHU 7KUHH $OLDV 5HJLVWHU Offset 1C2h This register is identical to the PCI Data Register Zero Alias Register except that it contains the data that ap- pears in the DATA_SCALE field of the PCI Power Man- agement Control/Status Register (PMCSR) and the PCI Data Register when the DATA_SEL field of PMCSR is set to 3. This register is an alias of BCR40. The contents of this register are cleared to 0 when the RST pin is asserted, before the serial EEPROM is read, and after a serial EEPROM read error. 3&,'$7$3&, '$7$ 5HJLVWHU)RXU $OLDV 5HJLVWHU Offset 1C4h This register is identical to the PCI Data Register Zero Alias Register except that it contains the data that ap- pears in the DATA_SCALE field of the PCI Power Man- agement Control/Status Register (PMCSR) and the PCI Data Register when the DATA_SEL field of PMCSR is set to 4. This register is an alias of BCR41. The contents of this register are cleared to 0 when the RST pin is asserted, before the serial EEPROM is read, and after a serial EEPROM read error. 3&,'$7$3&,'$7$ 5HJLVWHU)LYH$OLDV5HJLVWHU Offset 1C6h This register is identical to the PCI Data Register Zero Alias Register except that it contains the data that ap- pears in the DATA_SCALE field of the PCI Power Man- agement Control/Status Register (PMCSR) and the PCI Data Register when the DATA_SEL field of PMCSR is set to 5. This register is an alias of BCR42. The contents of this register are cleared to 0 when the RST pin is asserted, before the serial EEPROM is read, and after a serial EEPROM read error. 3&,'$7$3&,'$7$ 5HJLVWHU6L[ $OLDV 5HJLVWHU Offset 1C8h This register is identical to the PCI Data Register Zero Alias Register except that it contains the data that ap- pears in the DATA_SCALE field of the PCI Power Man- agement Control/Status Register (PMCSR) and the PCI Data Register when the DATA_SEL field of PMCSR is set to 6. This register is an alias of BCR43. The contents of this register are cleared to 0 when the RST pin is asserted, before the serial EEPROM is read, and after a serial EEPROM read error. 3&,'$7$3&,'$7$ 5HJLVWHU6HYHQ$OLDV 5HJLVWHU Offset 1CAh This register is identical to the PCI Data Register Zero Alias Register except that it contains the data that ap- pears in the DATA_SCALE field of the PCI Power Man- agement Control/Status Register (PMCSR) and the PCI Data Register when the DATA_SEL field of PMCSR is set to 7. This register is an alias of BCR44. The contents of this register are cleared to 0 when the RST pin is asserted, before the serial EEPROM is read, and after a serial EEPROM read error. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |