Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C976 Datasheet(PDF) 179 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 179 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 175Page - Advanced Micro Devices AM79C976 Datasheet HTML 176Page - Advanced Micro Devices AM79C976 Datasheet HTML 177Page - Advanced Micro Devices AM79C976 Datasheet HTML 178Page - Advanced Micro Devices AM79C976 Datasheet HTML 179Page - Advanced Micro Devices AM79C976 Datasheet HTML 180Page - Advanced Micro Devices AM79C976 Datasheet HTML 181Page - Advanced Micro Devices AM79C976 Datasheet HTML 182Page - Advanced Micro Devices AM79C976 Datasheet HTML 183Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 309 page
background image
8/01/00
Am79C976
179
P R E L I M INARY
1-0
RES
Reserved locations. Written as
zeros and read as undefined.
&65([WHQGHG &RQWURODQG,QWHUUXSW
Certain bits in CSR5 indicate the cause of an interrupt.
The register is designed so that these indicator bits are
cleared by writing ones to those bit locations. This
means that the software can read CSR5 and write back
the value just read to clear the interrupt condition.
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15
TOKINTD
Obsolete function. Writing has no
effect. Read as undefined.
14
LTINTEN
Last Transmit Interrupt Enable.
When this bit is set to 1, the
LTINT bit in transmit descriptors
can be used to determine when
transmit interrupts occur. The
Transmit Interrupt (TINT) bit will
be set after a frame has been
copied to the Transmit FIFO if the
LTINT bit in the frame’s last
transmit descriptor is set. If the
LTINT bit in the frame’s last de-
scriptor is 0 TINT will not be set
after the frame has been copied
to the Transmit FIFO.
Read/Write accessible. LTINTEN
is
cleared
by
H_RESET
or
S_RESET and is unaffected by
STOP.
13
TXDNINT
Transmission
Done
Interrupt.
This bit is set when the transmit-
ter has finished sending a frame.
This bit is included for debugging
purposes.
Read/Write accessible. TXDN-
INT is cleared by the host by writ-
ing a 1. Writing a 0 has no effect.
The state of TXDNINT is not af-
fected by clearing any of the PCI
Status register bits that get set
when
a
data
parity
error
(DATAPERR, bit 8), master abort
(RMABORT, bit 13), or target
abort (RTABORT, bit 12) occurs.
TXDNINT
is
cleared
by
H_RESET, S_RESET, or by set-
ting the STOP bit.
12
TXDNINTEN Transmission Done Interrupt En-
able. When this bit is set, the
INTR bit will be set when the
TXDNINT bit in INT0 is set.
Read/Write accessible. TXDN-
INTEN is cleared by H_RESET or
S_RESET and is unaffected by
STOP.
11
SINT
System Interrupt is set by the
Am79C976 controller when it de-
tects a system error during a bus
master transfer on the PCI bus.
System errors are data parity er-
ror, master abort, or a target
abort. The setting of SINT due to
data parity error is not dependent
on the setting of PERREN (PCI
Command register, bit 6).
When SINT is set, INTA is assert-
ed if the enable bit SINTE is 1.
Note that the assertion of an in-
terrupt due to SINT is not depen-
dent on the state of the INEA bit,
since INEA is cleared by the
STOP reset generated by the
system error.
Read/Write accessible. SINT is
cleared by the host by writing a 1.
Writing a 0 has no effect. The
state of SINT is not affected by
clearing any of the PCI Status
register bits that get set when a
data parity error (DATAPERR, bit
8), master abort (RMABORT, bit
13), or target abort (RTABORT,
bit 12) occurs. SINT is cleared by
H_RESET or S_RESET and is
not affected by setting the STOP
bit.
10
SINTE
System Interrupt Enable. If SIN-
TE is set, the SINT bit will be able
to set the INTR bit.
Read/Write accessible. SINTE is
set
to
0
by
H_RESET
or
S_RESET and is not affected by
setting the STOP bit.
9-8
RES
Reserved locations. Written as
zeros and read as undefined.
7
EXDINT
Obsolete function. Writing has no
effect. Read as undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com