Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C976KCW Datasheet(PDF) 126 Page - Advanced Micro Devices

Part # AM79C976KCW
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976KCW Datasheet(HTML) 126 Page - Advanced Micro Devices

Back Button AM79C976KCW Datasheet HTML 122Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 123Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 124Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 125Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 126Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 127Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 128Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 129Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 130Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 309 page
background image
126
Am79C976
8/01/00
P R E L I M INARY
AUTOPOLL3: Auto-Poll3 Register
Offset 08Eh
This register controls the automatic polling of a user-
selectable external PHY register, AP_REG3.
All bits in this register are set to their default values by
H_RESET. All bits are also set to their default values
before EEPROM data are loaded or after an EEPROM
read failure.
The default value for all bits in this register is 0.
Table 35. AUTOPOLL3: Auto-Poll3 Register
Bit
Name
Description
15
AP_REG3_EN
Enable Bit for Autopoll Register 3. When this bit and the Auto-Poll External PHY bit (APEP) in
CMD1 are both set to 1, the Auto-Poll State Machine periodically reads the external PHY register
selected by the AP_PHY3_ADDR and AP_REG3_ADDR fields and sets the APINT3 interrupt bit
if it detects a change in the register’s contents.
14-13
RES
Reserved locations. Written as zeros and read as undefined.
12-8
AP_REG3_ADDR
AP_REG3 Address. This field contains the register number of an external PHY register that the
Auto-Poll State Machine will periodically read if the AP_REG3_EN bit in this register and the
APEP bit (CMD3, bit 24) is set.
7
RES
Reserved location. Written as zero and read as undefined.
6
AP_PRE_SUP3
Auto-Poll Preamble Suppression. If this bit is set to 1, the Auto-Poll State Machine will suppress
the preambles of the MII Management Frames that it uses to periodically read the external PHY
register selected by the AP_PHY3_ADDR and AP_REG3_ADDR fields.
This bit is ignored when the AP_PHY3_DFLT bit is set.
5
AP_PHY3_DFLT
Auto-Poll PHY3 Default. When this bit is set, the Auto-Poll State Machine ignores the contents of
the AP_PHY3_ADDR and AP_PRE_SUP3 fields and uses the AP_PHY0_ADDR field for the
address of the PHY device to be polled. If this bit is set, the Auto-Poll State Machine will suppress
preambles only if the Port Manager has determined that the default external PHY can accept MII
Management Frames without preambles. (The Port Manager examines bit 6 in register 1 of the
default PHY to make this determination.)
4-0
AP_PHY3_ADDR
Auto-Poll PHY3 Address. This field contains the address of the external PHY that contains
AP_REG3.
This bit is ignored when the AP_PHY3_DFLT bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com