Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C976KCW Datasheet(PDF) 144 Page - Advanced Micro Devices

Part # AM79C976KCW
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976KCW Datasheet(HTML) 144 Page - Advanced Micro Devices

Back Button AM79C976KCW Datasheet HTML 140Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 141Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 142Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 143Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 144Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 145Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 146Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 147Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 148Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 309 page
background image
144
Am79C976
8/01/00
P R E L I M INARY
&75/&RQWURO 5HJLVWHU
Offset 074h
All bits in this register are set to their default values by
H_RESET. All bits are also set to their default values
before EEPROM data are loaded or after an EEPROM
read failure.
The default value for all bits is 0.
Table 49. CTRL3: Control3 Register
Table 50. Software Styles
3
XPHYSP
External PHY Speed. When set, this bit will force the external PHY into 100 Mbps mode when Auto-
Negotiation is not enabled.
XPHYSP is only valid when the internal Network Port Manager is scanning for a network port.
This bit is an alias of BCR32, bit 3.
2-0
APDW
MII Auto-Poll Dwell Time. APDW determines the dwell time between MII Management Frames
accesses when Auto-Poll is turned on.
The default value of this field is 100b.
This field is an alias of BCR32, bits 10:8.
Bit
Name
Description
APDW
Auto-Poll
É Dwell Time
000
Continuous (26
ms @ 2.5 MHz)
001
Every 64 MDC cycles (51
ms @ 2.5 MHz)
010
Every 128 MDC cycles (103
ms @ 2.5 MHz)
011
Every 256 MDC cycles (206
ms @ 2.5 MHz)
100
Every 512 MDC cycles (410
ms @ 2.5 MHz)
101
Every 1024 MDC cycles (819
ms @ 2.5 MHz)
110-111
Reserved
Bit
Name
Description
31-8
RES
Reserved locations. Written as zeros and read as undefined.
7-0
SWSTYLE
Software Style register. The value in this register determines the style of register and memory
resources that shall be used by the Am79C976 controller. The Software Style selection will affect
the interpretation of a few bits within the CSR space, the order of the descriptor entries, and the
width of the descriptors and initialization block entries.
All Am79C976 controller CSR bits and BCR bits and all descriptor, buffer, and initialization block
entries not cited in Table 50 are unaffected by the Software Style selection and are, therefore,
always fully functional as specified in the CSR and BCR sections.
SWSTYLE
[7:0]
Style
Name
SSIZE32
Initialization Block Entries
Descriptor Ring Entries
00h
LANCE/
PCnet-ISA controller
0
16-bit software structures,
non-burst or burst access
16-bit software structures, non-
burst access only
01h
RES
1
RES
RES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com