Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C976KCW Datasheet(PDF) 150 Page - Advanced Micro Devices

Part # AM79C976KCW
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976KCW Datasheet(HTML) 150 Page - Advanced Micro Devices

Back Button AM79C976KCW Datasheet HTML 146Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 147Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 148Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 149Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 150Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 151Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 152Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 153Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 154Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 309 page
background image
150
Am79C976
8/01/00
P R E L I M INARY
FLASH_ADDR: Flash Address Register
Offset 198h
The contents of this register are cleared to 0 when the
RST pin is asserted. The register is not cleared at the
start of a serial EEPROM read operation or after a se-
rial EEPROM read error.
Table 55. FLASH_ADDR: Flash Address Register
)/$6+B'$7$ )ODVK'DWD 5HJLVWHU
Offset 19Ch
The contents of this register are cleared to 0 when the
RST pin is asserted. The register is not cleared at the
start of a serial EEPROM read operation or after a se-
rial EEPROM read error.
This register is an alias of BCR30.
Table 56. FLASH_DATA: Flash Data Register
Bit
Name
Description
31
LAAINC
Lower Address Auto Increment. When the LAAINC bit is set to 1, the low-order 16-bit portion of the
Flash Address Register will automatically increment by one after a read or write access to the Flash
Data Register. When the low-order 16-bit portion of the Flash Address reaches FFFFh and
LAAINC is set to 1, the low-order 16-bit portion of the Flash Address will roll over to 0000h. When
the LAAINC bit is set to 0, the Flash Address Register will not be affected in any way after an
access to the Flash Data Register.
This bit is an alias of BCR29, bit 14.
30-24
RES
Reserved locations. Written as zeros and read as undefined.
23-0
FLASH_
ADDR
Flash Address. This field selects the byte of the external Flash/ROM device that will be accessed
when the Flash Data Register is accessed.
This field is an alias of BCR29, bits [7:0] concatenated with BCR28, bits [15:0].
Bit
Name
Description
15-8
RES
Reserved locations. Written as zeros and read as undefined.
7-0
FLASH_DATA
Flash Data. This field contains data written to or read from the external Flash/ROM device. When
the host CPU writes to this register, the contents of this field are written to the external Flash device
at the location selected by the Flash Address Register. When the host CPU reads this register, the
Am79C976 device first reads the location in the Flash device selected by the Flash Address
Register, then returns the value read in this field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com