Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C976KCW Datasheet(PDF) 157 Page - Advanced Micro Devices

Part # AM79C976KCW
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976KCW Datasheet(HTML) 157 Page - Advanced Micro Devices

Back Button AM79C976KCW Datasheet HTML 153Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 154Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 155Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 156Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 157Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 158Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 159Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 160Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 161Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 309 page
background image
8/01/00
Am79C976
157
P R E L I M INARY
IPG: Inter-Packet Gap Register
Offset 18Dh
The contents of this register are set to 60h when the
RST pin is asserted, before the serial EEPROM is
read, and after a serial EEPROM read error.
Table 61. IPG: Inter-Packet Gap Register
/$'5)/RJLFDO $GGUHVV)LOWHU 5HJLVWHU
Offset 168h
The contents of this register are cleared to 0 when the
RST pin is asserted. This register is not cleared by the
serial EEPROM read operation or by a serial EEPROM
read error.
Table 62. Logical Address Filter Register
Bit
Name
Description
7-0
IPG
Inter Packet Gap. This value indicates the minimum number of network bit times after the end of a
frame that the transmitter will wait before it starts transmitting another frame. In half-duplex mode
the end of the frame is determined by CRS, while in full-duplex mode the end of the frame is
determined by TX_EN. The IPG value can be adjusted to compensate for delays through the
external PHY device.
IPG should be programmed to the nearest nibble. The two least significant bits are ignored. For
example, programming IPG to 63h has the same effect as programming it to 60h.
CAUTION: Use this parameter with care. By lowering the IPG below the IEEE 802.3 standard 96
bit times, the Am79C976 controller can interrupt normal network behavior.
This register is an alias for CSR125, bits [15:8].
Bit
Name
Description
63-0
LADRF
Logical Address Filter, LADRF[63:0]. This register contains a 64-bit mask that is used to accept
incoming logical (or multicast) addresses. If the first bit in the incoming address (as transmitted on
the wire) is a 1, the destination address is a logical address.
A logical address is passed through the CRC generator to produce a 32-bit result. The high order
6 bits of this result are used to select one of the 64-bit positions in the Logical Address Filter. If the
selected filter bit is set, the address is accepted, and the frame is copied into host system memory.
The Logical Address Filter is used in multicast addressing schemes. The acceptance of the
incoming frame based on the filter value indicates that the message may be intended for the node.
It is the responsibility of the host CPU to compare the destination address of the stored message
with a list of acceptable multicast addresses to determine whether or not the message is actually
intended for the node.
The contents of this register should be loaded from EEPROM. This register can also be loaded
from the initialization block after the INIT bit in CSR0 has been set. This register is an alias for
CSR8, CSR9, CSR10, and CSR11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com