Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND5E012MY-E Datasheet(PDF) 9 Page - STMicroelectronics

Part # VND5E012MY-E
Description  Double channel high-side driver with analog current sense for automotive applications
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5E012MY-E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VND5E012MY-E Datasheet HTML 5Page - STMicroelectronics VND5E012MY-E Datasheet HTML 6Page - STMicroelectronics VND5E012MY-E Datasheet HTML 7Page - STMicroelectronics VND5E012MY-E Datasheet HTML 8Page - STMicroelectronics VND5E012MY-E Datasheet HTML 9Page - STMicroelectronics VND5E012MY-E Datasheet HTML 10Page - STMicroelectronics VND5E012MY-E Datasheet HTML 11Page - STMicroelectronics VND5E012MY-E Datasheet HTML 12Page - STMicroelectronics VND5E012MY-E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
DocID16503 Rev 5
9/36
VND5E012MY-E
Electrical specifications
35
2.3
Electrical characteristics
Values specified in this section are for 8V<VCC<28V; -40°C< Tj <150°C, unless otherwise
specified.
Table 5. Power section
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCC
Operating supply voltage
4.5
13
28
V
VUSD
Undervoltage shutdown
3.5
4.5
V
VUSDhyst
Undervoltage shutdown
hysteresis
0.5
V
RON
On-state resistance
IOUT= 5A; Tj= 25°C
11
m
Ω
IOUT= 5A; Tj= 150°C
24
m
Ω
IOUT= 5A; VCC= 5V; Tj= 25°C
16
m
Ω
RON REV
Reverse battery on-state
resistance
VCC= -13V; IOUT= -5A; Tj= 25°C
12
m
Ω
Vclamp
Clamp voltage
IS= 20 mA
41
46
52
V
IS
Supply current
Off-state; VCC=13V; Tj=25°C;
VIN=VOUT=VSENSE=VCSD=0V
2 (1)
1.
PowerMOS leakage included.
5(1)
µA
On-state; VCC=13V; VIN=5V;
IOUT=0A
3.5
6.5
mA
IL(off)
Off-state output current (2)
2.
For each channel.
VIN=VOUT=0V; VCC=13V;
Tj=25°C
00.01
3
VIN=VOUT=0V; VCC=13V;
Tj=125°C
05
µA
Table 6. Switching (VCC = 13V; Tj = 25°C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
RL= 2.6Ω (see Figure 5)-
30
-
µs
td(off)
Turn-off delay time
RL= 2.6Ω (see Figure 5)-
20
-
µs
(dVOUT/dt)on Turn-on voltage slope
RL= 2.6Ω
-
See
Figure 24
-V
/µs
(dVOUT/dt)off Turn-off voltage slope
RL= 2.6Ω
-
See
Figure 25
-V
/µs
WON
Switching energy losses
during tWON
RL= 2.6Ω (see Figure 5)-
1
-
mJ
WOFF
Switching energy losses
during tWOFF
RL= 2.6Ω (see Figure 5)-
0.5
-
mJ


Similar Part No. - VND5E012MY-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
Double channel high-side driver with analog current sense for automotive applications
More results

Similar Description - VND5E012MY-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
Double channel high side driver with analog current sense for automotive applications
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
Double channel high-side driver with analog current sense for automotive applications
VND5E050ACJ-E STMICROELECTRONICS-VND5E050ACJ-E Datasheet
569Kb / 43P
Double channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E025LK-E STMICROELECTRONICS-VND5E025LK-E Datasheet
812Kb / 37P
Double channel high side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E006ASP-E STMICROELECTRONICS-VND5E006ASP-E Datasheet
881Kb / 37P
Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 6
VND5050AJ-E STMICROELECTRONICS-VND5050AJ-E Datasheet
768Kb / 26P
Double channel high side driver with analog current sense for automotive applications
VND5050J-E STMICROELECTRONICS-VND5050J-E Datasheet
760Kb / 28P
Double channel high side driver with analog current sense for automotive applications
VND5025LAK-E STMICROELECTRONICS-VND5025LAK-E Datasheet
595Kb / 31P
Double channel high side driver with analog current sense for automotive applications
VND5E008ASP-E STMICROELECTRONICS-VND5E008ASP-E Datasheet
742Kb / 33P
Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 4
VND5E050MCJ-E STMICROELECTRONICS-VND5E050MCJ-E Datasheet
592Kb / 40P
Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com