Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F215RG Datasheet(PDF) 163 Page - STMicroelectronics

Part # STM32F215RG
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F215RG Datasheet(HTML) 163 Page - STMicroelectronics

Back Button STM32F215RG Datasheet HTML 159Page - STMicroelectronics STM32F215RG Datasheet HTML 160Page - STMicroelectronics STM32F215RG Datasheet HTML 161Page - STMicroelectronics STM32F215RG Datasheet HTML 162Page - STMicroelectronics STM32F215RG Datasheet HTML 163Page - STMicroelectronics STM32F215RG Datasheet HTML 164Page - STMicroelectronics STM32F215RG Datasheet HTML 165Page - STMicroelectronics STM32F215RG Datasheet HTML 166Page - STMicroelectronics STM32F215RG Datasheet HTML 167Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 173 page
background image
STM32F21xxx
Revision history
Doc ID 17050 Rev 8
163/173
25-Nov-2010
3
Added WLCSP66 (64+2) package. Added note 1 related to LQFP176
on cover page.
Update I/Os in Section : Features.
Updated Table 5: Multi-AHB matrix.
Added case of BOR inactivation using IRROFF on WLCSP devices in
Section 2.2.15: Power supply supervisor.
Reworked Section 2.2.16: Voltage regulator to clarify regulator off
modes. Added Section 2.2.19: VBAT operation.
Modified VDD_3 pin in Table 5: STM32F21x pin and ball definitions, and
added note related to the FSMC_NL pin.
Renamed BYPASS-REG REGOFF, and add IRROFF pin.
Changed VSS_SA to VSS, and VDD_SA pin reserved for future use.
Updated maximum HSE crystal frequency to 26 MHz.
USART4/5 renamed UART4/5. USART4 pins renamed UART4 in
Table 5: STM32F21x pin and ball definitions. Updated LIN and IrDA
features for UART4/5 in Table 4: USART feature comparison.
Section 5.2: Absolute maximum ratings: Updated VIN minimum and
maximum values and note for non-five-volt tolerant pins in Table 8:
Voltage characteristics. Updated IINJ(PIN) maximum values and related
notes in Table 9: Current characteristics.
Updated VDDA minimum value in Table 11: General operating
conditions.
Added Note 2 and updated Maximum CPU frequency in Table 12:
Limitations depending on the operating power supply range; and
added Figure 18: Number of wait states versus fCPU and VDD range.
Renamed Brownout Low, medium and High reset thresholds,
Renamed VBORL/VBORM/VBORH, VBOR1/VBOR2/VBOR3 in Table 16:
Embedded reset and power control block characteristics.
Changed fLSI typical value in Table 30: LSI oscillator characteristics.
Added Figure 32: ACCLSI versus temperature.
Changed fOSC_IN maximum value in Table 27: HSE 4-26 MHz oscillator
characteristics.
Changed fPLL_IN maximum value in Table 31: Main PLL characteristics,
and updated jitter parameters in Table 32: PLLI2S (audio PLL)
characteristics.
Section 5.3.16: I/O port characteristics: updated VIH and VIL in
Table 43: I/O static characteristics.
Added Note 1 below Table 44: Output voltage characteristics.
Updated RPD and RPU parameter description in Table 54: USB OTG
FS DC electrical characteristics.
Updated VREF+ minimum value in Table 63: ADC characteristics.
Updated Table 68: Embedded internal reference voltage.
Removed Ethernet and USB2 for 64-pin devices in Table 91: Main
applications versus package for STM32F2xxx microcontrollers.
Added A.2: Application example with regulator OFF, removed “OTG
FS connection with external PHY” figure, updated Figure 84,
Figure 85, and Figure 87 to add STULPI01B.
Table 92.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com