Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F215RE Datasheet(PDF) 171 Page - STMicroelectronics

Part # STM32F215RE
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F215RE Datasheet(HTML) 171 Page - STMicroelectronics

Back Button STM32F215RE Datasheet HTML 165Page - STMicroelectronics STM32F215RE Datasheet HTML 166Page - STMicroelectronics STM32F215RE Datasheet HTML 167Page - STMicroelectronics STM32F215RE Datasheet HTML 168Page - STMicroelectronics STM32F215RE Datasheet HTML 169Page - STMicroelectronics STM32F215RE Datasheet HTML 170Page - STMicroelectronics STM32F215RE Datasheet HTML 171Page - STMicroelectronics STM32F215RE Datasheet HTML 172Page - STMicroelectronics STM32F215RE Datasheet HTML 173Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 171 / 173 page
background image
STM32F21xxx
Revision history
Doc ID 17050 Rev 8
171/173
29-Oct-2012
8
Removed Figure 4. Compatible board design between STM32F10xx
and STM32F2xx for LQFP176 package.
Updated number of AHB buses in Section 2: Description and
Section 2.2.12: Clocks and startup.
Updated Note 2 below Figure 4: STM32F21x block diagram.
Changed System memory to System memory + OTP in Figure 13:
Memory map.
Added Note 1 below Table 13: VCAP1/VCAP2 operating conditions.
Updated VDDA and VREF+ decouping capacitor in Figure 16: Power
supply scheme and updated Note 3.
Changed simplex mode into half-duplex mode in Section 2.2.24: Inter-
integrated sound (I2S).
Replaced DAC1_OUT and DAC2_OUT by DAC_OUT1 and
DAC_OUT2, respectively.
Changed TIM2_CH1/TIM2_ETR into TIM2_CH1_ETR for PA0 and PA5
in Table 7: Alternate function mapping.
Updated note applying to IDD (external clock and all peripheral
disabled) in Table 17: Typical and maximum current consumption in
Run mode, code with data processing running from Flash memory
(ART accelerator disabled). Updated Note 3 below Table 19: Typical
and maximum current consumption in Sleep mode.
Removed fHSE_ext typical value in Table 25: High-speed external user
clock characteristics.
Updated master I2S clock jitter conditions and vlaues in Table 32:
PLLI2S (audio PLL) characteristics.
Updated equations in Section 5.3.11: PLL spread spectrum clock
generation (SSCG) characteristics.
Swapped TTL and CMOS port conditions for VOL and VOH in Table 44:
Output voltage characteristics. Updated VIL(NRST) and VIH(NRST) in
Table 46: NRST pin characteristics.
Updated Table 51: SPI characteristics and Table 52: I2S
characteristics.Removed note 1 related to measurement points below
Figure 39: SPI timing diagram - slave mode and CPHA = 1, Figure 40:
SPI timing diagram - master mode, and Figure 41: I2S slave timing
diagram (Philips protocol)(1).
Updated tHC in Table 58: ULPI timing.
Updated Figure 45: Ethernet SMI timing diagram, Table 60: Dynamics
characteristics: Ethernet MAC signals for SMI and Table 61: Dynamics
characteristics: Ethernet MAC signals for RMII.
Update fTRIG in Table 63: ADC characteristics. Updated IDDA
description in Table 65: DAC characteristics.
Updated note below Figure 50: Power supply and reference
decoupling (VREF+ not connected to VDDA) and Figure 51: Power
supply and reference decoupling (VREF+ connected to VDDA).
Replaced td(CLKL-NOEL) by td(CLKH-NOEL) in Table 73: Synchronous
multiplexed NOR/PSRAM read timings, Table 75: Synchronous non-
multiplexed NOR/PSRAM read timings, Figure 57: Synchronous
multiplexed NOR/PSRAM read timings and Figure 59: Synchronous
non-multiplexed NOR/PSRAM read timings.
Table 92.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com