| Electronic Components Datasheet Search |
|
STM32F215VE Datasheet(PDF) 105 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F215VE Datasheet(HTML) 105 Page - STMicroelectronics |
|
105 / 175 page ![]() DocID17050 Rev 9 105/175 STM32F21xxx Electrical characteristics 174 Figure 36. I/O AC characteristics definition 11 fmax(IO)out Maximum frequency(2) CL = 30 pF, VDD > 2.70 V - - 100(3) MHz CL = 30 pF, VDD > 1.8 V - - 50(3) CL = 10 pF, VDD > 2.70 V - - 180(3) CL = 10 pF, VDD > 1.8 V - - 100(3) tf(IO)out/ tr(IO)out Output high to low level fall time and output low to high level rise time CL = 30 pF, VDD > 2.70 V - - 4 ns CL = 30 pF, VDD > 1.8 V - - 6 CL = 10 pF, VDD > 2.70 V - - 2.5 CL = 10 pF, VDD > 1.8 V - - 4 -tEXTIpw Pulse width of external signals detected by the EXTI controller 10 - - ns 1. The I/O speed is configured using the OSPEEDRy[1:0] bits. Refer to the STM32F20/21xxx reference manual for a description of the GPIOx_SPEEDR GPIO port output speed register. 2. The maximum frequency is defined in Figure 36. 3. For maximum frequencies above 50 MHz, the compensation cell should be used. Table 47. I/O AC characteristics(1) (continued) OSPEEDRy [1:0] bit value(1) Symbol Parameter Conditions Min Typ Max Unit ai14131c 10% 90% 50% tr(IO)out OUTPUT EXTERNAL ON 50pF Maximum frequency is achieved if (tr + tf) ≤ 2/3)T and if the duty cycle is (45-55%) 10% 50% 90% when loaded by 50pF T tf(IO)out |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |