| Electronic Components Datasheet Search |
|
STM32F215ZE Datasheet(PDF) 106 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F215ZE Datasheet(HTML) 106 Page - STMicroelectronics |
|
106 / 175 page ![]() Electrical characteristics STM32F21xxx 106/175 DocID17050 Rev 9 6.3.17 NRST pin characteristics The NRST pin input driver uses CMOS technology. It is connected to a permanent pull-up resistor, RPU (see Table 48). Unless otherwise specified, the parameters given in Table 48 are derived from tests performed under the ambient temperature and VDD supply voltage conditions summarized in Table 13. Figure 37. Recommended NRST pin protection 1. The reset network protects the device against parasitic resets. 2. The user must ensure that the level on the NRST pin can go below the VIL(NRST) max level specified in Table 48. Otherwise the reset is not taken into account by the device. Table 48. NRST pin characteristics Symbol Parameter Conditions Min Typ Max Unit VIL(NRST)(1) NRST input low level voltage TTL ports 2.7 V ≤ VDD ≤ 3.6 V -- 0.8 V VIH(NRST)(1) NRST input high level voltage 2 - - VIL(NRST)(1) NRST input low level voltage CMOS ports 1.8 V ≤ VDD ≤ 3.6 V - - 0.3VDD V VIH(NRST)(1) NRST input high level voltage 0.7VDD -- Vhys(NRST) NRST Schmitt trigger voltage hysteresis -200 - mV RPU Weak pull-up equivalent resistor(2) VIN = VSS 30 40 50 k Ω VF(NRST)(1) NRST Input filtered pulse - - 100 ns VNF(NRST)(1) NRST Input not filtered pulse VDD > 2.7 V 300 - - ns TNRST_OUT Generated reset pulse duration Internal Reset source 20 - - µs 1. Guaranteed by design, not tested in production. 2. The pull-up is designed with a true resistance in series with a switchable PMOS. This PMOS contribution to the series resistance must be minimum (~10% order) . ai14132c STM32Fxxx RPU NRST(2) VDD Filter Internal Reset 0.1 μF External reset circuit(1) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |