| Electronic Components Datasheet Search |
|
64GA106 Datasheet(PDF) 230 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
64GA106 Datasheet(HTML) 230 Page - Microchip Technology |
|
230 / 330 page ![]() PIC24FJ256GA110 FAMILY DS39905E-page 230 2010 Microchip Technology Inc. REGISTER 21-4: AD1CHS: A/D INPUT SELECT REGISTER R/W-0 U-0 U-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 CH0NB — — CH0SB4(1) CH0SB3(1) CH0SB2(1) CH0SB1(1) CH0SB0(1) bit 15 bit 8 R/W-0 U-0 U-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 CH0NA — — CH0SA4 CH0SA3 CH0SA2 CH0SA1 CH0SA0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15 CH0NB: Channel 0 Negative Input Select for MUX B Multiplexer Setting bit 1 = Channel 0 negative input is AN1 0 = Channel 0 negative input is VR- bit 14-13 Unimplemented: Read as ‘0’ bit 12-8 CH0SB<4:0>: Channel 0 Positive Input Select for MUX B Multiplexer Setting bits(1) 10001 = Channel 0 positive input is internal band gap reference (VBG) 10000 = Channel 0 positive input is VBG/2 01111 = Channel 0 positive input is AN15 01110 = Channel 0 positive input is AN14 01101 = Channel 0 positive input is AN13 01100 = Channel 0 positive input is AN12 01011 = Channel 0 positive input is AN11 01010 = Channel 0 positive input is AN10 01001 = Channel 0 positive input is AN9 01000 = Channel 0 positive input is AN8 00111 = Channel 0 positive input is AN7 00110 = Channel 0 positive input is AN6 00101 = Channel 0 positive input is AN5 00100 = Channel 0 positive input is AN4 00011 = Channel 0 positive input is AN3 00010 = Channel 0 positive input is AN2 00001 = Channel 0 positive input is AN1 00000 = Channel 0 positive input is AN0 bit 7 CH0NA: Channel 0 Negative Input Select for MUX A Multiplexer Setting bit 1 = Channel 0 negative input is AN1 0 = Channel 0 negative input is VR- bit 6-5 Unimplemented: Read as ‘0’ bit 4-0 CH0SA<4:0>: Channel 0 Positive Input Select for MUX A Multiplexer Setting bits Implemented combinations are identical to those for CHOSB<4:0> (above). Note 1: Combinations, ‘10010’ through ‘11111’, are unimplemented; do not use. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |