Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2SGX130GF1508C4 Datasheet(PDF) 5 Page - Altera Corporation

Part # EP2SGX130GF1508C4
Description  Section I. Stratix II GX Device Data Sheet
Download  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2SGX130GF1508C4 Datasheet(HTML) 5 Page - Altera Corporation

  EP2SGX130GF1508C4 Datasheet HTML 1Page - Altera Corporation EP2SGX130GF1508C4 Datasheet HTML 2Page - Altera Corporation EP2SGX130GF1508C4 Datasheet HTML 3Page - Altera Corporation EP2SGX130GF1508C4 Datasheet HTML 4Page - Altera Corporation EP2SGX130GF1508C4 Datasheet HTML 5Page - Altera Corporation EP2SGX130GF1508C4 Datasheet HTML 6Page - Altera Corporation EP2SGX130GF1508C4 Datasheet HTML 7Page - Altera Corporation EP2SGX130GF1508C4 Datasheet HTML 8Page - Altera Corporation EP2SGX130GF1508C4 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 316 page
background image
Altera Corporation
1–3
October 2007
Stratix II GX Device Handbook, Volume 1
Introduction
8B/10B encoder and decoder perform 8-bit to 10-bit encoding
and 10-bit to 8-bit decoding
Phase compensation FIFO buffer performs clock domain
translation between the transceiver block and the logic array
Receiver FIFO resynchronizes the received data with the local
reference clock
Channel aligner compliant with XAUI
f
Certain transceiver blocks can be bypassed. Refer to the Stratix II GX
Architecture chapter in volume 1 of the Stratix II GX Device Handbook for
more details.
Table 1–1 lists the Stratix II GX device features.
Table 1–1. Stratix II GX Device Features (Part 1 of 2)
Feature
EP2SGX30C/D
EP2SGX60C/D/E
EP2SGX90E/F
EP2SGX130/G
CD
C
D
E
E
F
G
ALMs
13,552
24,176
36,384
53,016
Equivalent LEs
33,880
60,440
90,960
132,540
Transceiver
channels
48
4
8
12
12
16
20
Transceiver data rate
600 Mbps to
6.375 Gbps
600 Mbps to 6.375 Gbps
600 Mbps to
6.375 Gbps
600 Mbps to
6.375 Gbps
Source-synchronous
receive channels (1)
31
31
31
42
47
59
73
Source-synchronous
transmit channels
29
29
29
42
45
59
71
M512 RAM blocks
(32 × 18 bits)
202
329
488
699
M4K RAM blocks
(128 × 36 bits)
144
255
408
609
M-RAM blocks
(4K × 144 bits)
12
4
6
Total RAM bits
1,369,728
2,544,192
4,520,448
6,747,840
Embedded
multipliers (18 × 18)
64
144
192
252
DSP blocks
16
36
48
63
PLLs
4
4
4
8
8
8
Maximum user I/O
pins
361
364
364
534
558
650
734


Similar Part No. - EP2SGX130GF1508C4

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2SGX130GF1508C3N ALTERA-EP2SGX130GF1508C3N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C5 ALTERA-EP2SGX130GF1508C5 Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
More results

Similar Description - EP2SGX130GF1508C4

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2SGX30CF780C5N ALTERA-EP2SGX30CF780C5N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C3N ALTERA-EP2SGX130GF1508C3N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP1SGX40DF1020C6 ALTERA-EP1SGX40DF1020C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP1SGX10DF672C6 ALTERA-EP1SGX10DF672C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX60EF1152C3 ALTERA-EP2SGX60EF1152C3 Datasheet
3Mb / 326P
   Stratix II GX Device Data Sheet
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S90F1020I4N ALTERA-EP2S90F1020I4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S180F1508I4 ALTERA-EP2S180F1508I4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S30F484C4N ALTERA-EP2S30F484C4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP1AGX ALTERA-EP1AGX Datasheet
3Mb / 234P
   Section I. Arria GX Device Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com