Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2SGX130GF1508C4 Datasheet(PDF) 7 Page - Altera Corporation

Part # EP2SGX130GF1508C4
Description  Section I. Stratix II GX Device Data Sheet
Download  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2SGX130GF1508C4 Datasheet(HTML) 7 Page - Altera Corporation

Back Button EP2SGX130GF1508C4 Datasheet HTML 3Page - Altera Corporation EP2SGX130GF1508C4 Datasheet HTML 4Page - Altera Corporation EP2SGX130GF1508C4 Datasheet HTML 5Page - Altera Corporation EP2SGX130GF1508C4 Datasheet HTML 6Page - Altera Corporation EP2SGX130GF1508C4 Datasheet HTML 7Page - Altera Corporation EP2SGX130GF1508C4 Datasheet HTML 8Page - Altera Corporation EP2SGX130GF1508C4 Datasheet HTML 9Page - Altera Corporation EP2SGX130GF1508C4 Datasheet HTML 10Page - Altera Corporation EP2SGX130GF1508C4 Datasheet HTML 11Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 316 page
background image
Altera Corporation
1–5
October 2007
Stratix II GX Device Handbook, Volume 1
Introduction
Referenced
Document
This chapter references the following document:
Stratix II GX Architecture chapter in volume 1 of the Stratix II GX
Device Handbook
Document
Revision History
Table 1–4 shows the revision history for this chapter.
Table 1–3. Stratix II GX FineLine BGA Package Sizes
Dimension
780 Pins
1,152 Pins
1,508 Pins
Pitch (mm)
1.00
1.00
1.00
Area (mm2)
841
1,225
1,600
Length width (mm × mm)
29 × 29
35 × 35
40 × 40
Table 1–4. Document Revision History
Date and Document
Version
Changes Made
Summary of Changes
October 2007, v1.6
Updated “Features” section.
Minor text edits.
August 2007, v1.5
Added “Referenced Documents” section.
Minor text edits.
February 2007, v1.4 Changed 622 Mbps to 600 Mbps on
page 1-2 and Table 1–1.
Deleted “DC coupling” from the
Transceiver Block Features list.
Changed 4 to 6 in the PLLs row
(columns 3 and 4) of Table 1–1.
Added the “Document Revision History”
section to this chapter.
Added support information for the
Stratix II GX device.
June 2006, v1.3
Updated Table 1–2.
April 2006, v1.2
Updated Table 1–1.
Updated Table 1–2.
Updated numbers for receiver channels and
user I/O pin counts in Table 1–2.
February 2006, v1.1 Updated Table 1–1.
October 2005
v1.0
Added chapter to the Stratix II GX Device
Handbook.


Similar Part No. - EP2SGX130GF1508C4

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2SGX130GF1508C3N ALTERA-EP2SGX130GF1508C3N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C5 ALTERA-EP2SGX130GF1508C5 Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
More results

Similar Description - EP2SGX130GF1508C4

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2SGX30CF780C5N ALTERA-EP2SGX30CF780C5N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C3N ALTERA-EP2SGX130GF1508C3N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP1SGX40DF1020C6 ALTERA-EP1SGX40DF1020C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP1SGX10DF672C6 ALTERA-EP1SGX10DF672C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX60EF1152C3 ALTERA-EP2SGX60EF1152C3 Datasheet
3Mb / 326P
   Stratix II GX Device Data Sheet
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S90F1020I4N ALTERA-EP2S90F1020I4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S180F1508I4 ALTERA-EP2S180F1508I4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S30F484C4N ALTERA-EP2S30F484C4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP1AGX ALTERA-EP1AGX Datasheet
3Mb / 234P
   Section I. Arria GX Device Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com