Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2SGX130GF1508C4 Datasheet(PDF) 3 Page - Altera Corporation

Part # EP2SGX130GF1508C4
Description  Section I. Stratix II GX Device Data Sheet
Download  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2SGX130GF1508C4 Datasheet(HTML) 3 Page - Altera Corporation

  EP2SGX130GF1508C4 Datasheet HTML 1Page - Altera Corporation EP2SGX130GF1508C4 Datasheet HTML 2Page - Altera Corporation EP2SGX130GF1508C4 Datasheet HTML 3Page - Altera Corporation EP2SGX130GF1508C4 Datasheet HTML 4Page - Altera Corporation EP2SGX130GF1508C4 Datasheet HTML 5Page - Altera Corporation EP2SGX130GF1508C4 Datasheet HTML 6Page - Altera Corporation EP2SGX130GF1508C4 Datasheet HTML 7Page - Altera Corporation EP2SGX130GF1508C4 Datasheet HTML 8Page - Altera Corporation EP2SGX130GF1508C4 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 316 page
background image
Altera Corporation
1–1
October 2007
1. Introduction
The Stratix® II GX family of devices is Altera’s third generation of FPGAs
to combine high-speed serial transceivers with a scalable,
high-performance logic array. Stratix II GX devices include 4 to 20
high-speed transceiver channels, each incorporating clock and data
recovery unit (CRU) technology and embedded SERDES capability at
data rates of up to 6.375 gigabits per second (Gbps). The transceivers are
grouped into four-channel transceiver blocks and are designed for low
power consumption and small die size. The Stratix II GX FPGA
technology is built upon the Stratix II architecture and offers a 1.2-V logic
array with unmatched performance, flexibility, and time-to-market
capabilities. This scalable, high-performance architecture makes
Stratix II GX devices ideal for high-speed backplane interface,
chip-to-chip, and communications protocol-bridging applications.
Features
This section lists the Stratix II GX device features.
Main device features:
TriMatrix memory consisting of three RAM block sizes to
implement true dual-port memory and first-in first-out (FIFO)
buffers with performance up to 550 MHz
Up to 16 global clock networks with up to 32 regional clock
networks per device region
High-speed DSP blocks provide dedicated implementation of
multipliers (at up to 450 MHz), multiply-accumulate functions,
and finite impulse response (FIR) filters
Up to four enhanced PLLs per device provide spread spectrum,
programmable bandwidth, clock switch-over, real-time PLL
reconfiguration, and advanced multiplication and phase
shifting
Support for numerous single-ended and differential I/O
standards
High-speed source-synchronous differential I/O support on up
to 71 channels
Support for source-synchronous bus standards, including SPI-4
Phase 2 (POS-PHY Level 4), SFI-4.1, XSBI, UTOPIA IV, NPSI,
and CSIX-L1
Support for high-speed external memory, including quad data
rate (QDR and QDRII) SRAM, double data rate (DDR and
DDR2) SDRAM, and single data rate (SDR) SDRAM
SIIGX51001-1.6


Similar Part No. - EP2SGX130GF1508C4

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2SGX130GF1508C3N ALTERA-EP2SGX130GF1508C3N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C5 ALTERA-EP2SGX130GF1508C5 Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
More results

Similar Description - EP2SGX130GF1508C4

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2SGX30CF780C5N ALTERA-EP2SGX30CF780C5N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C3N ALTERA-EP2SGX130GF1508C3N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP1SGX40DF1020C6 ALTERA-EP1SGX40DF1020C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP1SGX10DF672C6 ALTERA-EP1SGX10DF672C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX60EF1152C3 ALTERA-EP2SGX60EF1152C3 Datasheet
3Mb / 326P
   Stratix II GX Device Data Sheet
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S90F1020I4N ALTERA-EP2S90F1020I4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S180F1508I4 ALTERA-EP2S180F1508I4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S30F484C4N ALTERA-EP2S30F484C4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP1AGX ALTERA-EP1AGX Datasheet
3Mb / 234P
   Section I. Arria GX Device Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com