Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F72 Datasheet(PDF) 106 Page - Microchip Technology

Part # PIC16F72
Description  28-Pin, 8-Bit CMOS FLASH Microcontoller with A/D Converter
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F72 Datasheet(HTML) 106 Page - Microchip Technology

Back Button PIC16F72 Datasheet HTML 102Page - Microchip Technology PIC16F72 Datasheet HTML 103Page - Microchip Technology PIC16F72 Datasheet HTML 104Page - Microchip Technology PIC16F72 Datasheet HTML 105Page - Microchip Technology PIC16F72 Datasheet HTML 106Page - Microchip Technology PIC16F72 Datasheet HTML 107Page - Microchip Technology PIC16F72 Datasheet HTML 108Page - Microchip Technology PIC16F72 Datasheet HTML 109Page - Microchip Technology PIC16F72 Datasheet HTML 110Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 136 page
background image
PIC16F72
DS39597C-page 104
© 2007 Microchip Technology Inc.
TABLE 14-9:
A/D CONVERTER CHARACTERISTICS: PIC16F72 (INDUSTRIAL)
PIC16LF72 (INDUSTRIAL)
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
A01
NR
Resolution
PIC16F72
—
—
8 bits
bit
VREF = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF
PIC16LF72
—
—
8 bits
bit
VREF = VDD = 2.2V
A02
EABS
Total Absolute Error
—
—
< ± 1
LSb VREF = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF
A03
EIL
Integral Linearity Error
—
—
< ± 1
LSb VREF = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF
A04
EDL
Differential Linearity Error
—
—
< ± 1
LSb VREF = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF
A05
EFS
Full Scale Error
—
—
< ± 1
LSb VREF = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF
A06
EOFF
Offset Error
—
—
< ± 1
LSb VREF = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF
A10
—
Monotonicity (Note 3)
—
guaranteed
—
—
VSS
≤ VAIN ≤ VREF
A20
VREF
Reference Voltage
2.5
2.2
—
—
VDD+0.3
VDD+0.3
V
V
-40°C to +85°C
0°C to +85°C
A25
VAIN
Analog Input Voltage
VSS - 0.3
—
VREF + 0.3
V
A30
ZAIN
Recommended Impedance of
Analog Voltage Source
—
—
10.0
k
Ω
A40
IAD
A/D Conversion
Current (VDD)
PIC16F72
—
180
—
μA Average current
consumption when A/D
is on (Note 1).
PIC16LF72
—
90
—
μA
A50
IREF
VREF input current (Note 2)
N/A
—
—
—
± 5
500
μA
μA
During VAIN acquisition.
During A/D Conversion
cycle.
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: When A/D is off, it will not consume any current other than minor leakage current. The power-down current
spec includes any such leakage from the A/D module.
2: VREF current is from the RA3 pin or the VDD pin, whichever is selected as a reference input.
3: The A/D conversion result never decreases with an increase in the input voltage and has no missing codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com