Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C43 Datasheet(PDF) 101 Page - Microchip Technology

Part # PIC17C43
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C43 Datasheet(HTML) 101 Page - Microchip Technology

Back Button PIC17C43 Datasheet HTML 97Page - Microchip Technology PIC17C43 Datasheet HTML 98Page - Microchip Technology PIC17C43 Datasheet HTML 99Page - Microchip Technology PIC17C43 Datasheet HTML 100Page - Microchip Technology PIC17C43 Datasheet HTML 101Page - Microchip Technology PIC17C43 Datasheet HTML 102Page - Microchip Technology PIC17C43 Datasheet HTML 103Page - Microchip Technology PIC17C43 Datasheet HTML 104Page - Microchip Technology PIC17C43 Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 241 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 101
PIC17C4X
FIGURE 14-3: CRYSTAL OPERATION,
OVERTONE CRYSTALS (XT
OSC CONFIGURATION)
TABLE 14-2:
CAPACITOR SELECTION
FOR CERAMIC
RESONATORS
Oscillator
Type
Resonator
Frequency
Capacitor Range
C1 = C2
LF
455 kHz
2.0 MHz
15 - 68 pF
10 - 33 pF
XT
4.0 MHz
8.0 MHz
16.0 MHz
22 - 68 pF
33 - 100 pF
33 - 100 pF
Higher capacitance increases the stability of the
oscillator but also increases the start-up time. These
values are for design guidance only. Since each reso-
nator has its own characteristics, the user should
consult the resonator manufacturer for appropriate
values of external components.
Resonators Used:
455 kHz
Panasonic EFO-A455K04B
± 0.3%
2.0 MHz
Murata Erie CSA2.00MG
± 0.5%
4.0 MHz
Murata Erie CSA4.00MG
± 0.5%
8.0 MHz
Murata Erie CSA8.00MT
± 0.5%
16.0 MHz
Murata Erie CSA16.00MX
± 0.5%
Resonators used did not have built-in capacitors.
C1
C2
0.1
µF
SLEEP
OSC2
OSC1
PIC17C42
To filter the fundamental frequency
1
LC2
= (2
πf)2
Where f = tank circuit resonant frequency. This should be
midway between the fundamental and the 3rd overtone
frequencies of the crystal.
TABLE 14-3:
CAPACITOR SELECTION
FOR CRYSTAL OSCILLATOR
14.2.3
EXTERNAL CLOCK OSCILLATOR
In the EC oscillator mode, the OSC1 input can be
driven
by
CMOS
drivers.
In
this
mode,
the
OSC1/CLKIN pin is hi-impedance and the OSC2/CLK-
OUT pin is the CLKOUT output (4 TOSC).
FIGURE 14-4: EXTERNAL CLOCK INPUT
OPERATION (EC OSC
CONFIGURATION)
Osc
Type
Freq
C1
C2
LF
32 kHz(1)
1 MHz
2 MHz
100-150 pF
10-33 pF
10-33 pF
100-150 pF
10-33 pF
10-33 pF
XT
2 MHz
4 MHz
8 MHz (2)
16 MHz
25 MHz
32 MHz (3)
47-100 pF
15-68 pF
15-47 pF
TBD
15-47 pF
0 (3)
47-100 pF
15-68 pF
15-47 pF
TBD
15-47 pF
0 (3)
Higher capacitance increases the stability of the
oscillator but also increases the start-up time and the
oscillator current. These values are for design guid-
ance only. RS may be required in XT mode to avoid
overdriving the crystals with low drive level specifica-
tion. Since each crystal has its own characteristics,
the user should consult the crystal manufacturer for
appropriate values for external components.
Note 1: For VDD > 4.5V, C1 = C2
≈ 30 pF is recom-
mended.
2: RS of 330
Ω is required for a capacitor com-
bination of 15/15 pF.
3:
Only the capacitance of the board was present.
Crystals Used:
32.768 kHz
Epson C-001R32.768K-A
± 20 PPM
1.0 MHz
ECS-10-13-1
± 50 PPM
2.0 MHz
ECS-20-20-1
± 50 PPM
4.0 MHz
ECS-40-20-1
± 50 PPM
8.0 MHz
ECS ECS-80-S-4
ECS-80-18-1
± 50 PPM
16.0 MHz
ECS-160-20-1
TBD
25 MHz
CTS CTS25M
± 50 PPM
32 MHz
CRYSTEK HF-2
± 50 PPM
Clock from
ext. system
OSC1
OSC2
PIC17CXX
CLKOUT
(FOSC/4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com