Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS3860B Datasheet(PDF) 3 Page - API Technologies Corp

Part # HS3860B
Description  12-Bit DAC with Input Registers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

HS3860B Datasheet(HTML) 3 Page - API Technologies Corp

  HS3860B Datasheet HTML 1Page - API Technologies Corp HS3860B Datasheet HTML 2Page - API Technologies Corp HS3860B Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
O RD ERIN G IN FO RMATIO N
M ODEL
DESCRIPTION
HS3860B
M IL,12BitD/A
HS 3860C
COM M , 12 Bit D/A
Specifications subject to change w ithout notice.
APPLICATIO N IN FO RMATIO N
FULL SCA LE A DJUSTM ENT
+15V
10k
TO
100k
– 15V
+15V
10k
TO
100k
– 15V
PIN 20
6.8M
Range of A djustment = ±0.2% FSR
PIN 23
6.8M
Range of A djustment = ±0.2% FSR
Connect the full scale potentiometer as show n and apply all “ 0's” to
the digital inputs. A djust the potentiometer until the analog output
is equal to the maximum positve voltage for the chosen output range
as show n in the table
ZERO (-FULL SCA LE) A DJUSTM ENT
INPUT LOGIC CODING A ND OUTPUT RA NGE SELECTION
Connect the zero (-full scale) potentiometer as show n and apply all
“ 1's” to the digital inputs. A djust the potentiometer until the analog
output is equal to zero volts for unipolar output ranges and -full
scale voltage for bipolar output ranges.
0 to +10V
+9.9976V
+9.9951V
+5.0000V
– 0.0024V
+0.0024V
0.0000V
24 to 16
17 to 21
15 to 18
±5V
+4.9976V
+4.9951V
0.0000V
– 0.0024V
– 4.9976V
– 5.0000V
24 to 16
17 to 20
15 to 18
±10V
+9.9951V
+9.9902V
0.0000V
– 0.0049V
– 9.9951V
– 10.0000V
24 to 16
17 to 20
0000 0000 0000
M SB
LSB
0000 0000 0001
0111 1111 1111
1000 0000 0000
1111 1111 1110
1111 1111 1111
CONNECT
PIN TO PIN
DIGITA L INPUT
A NA LOG OUTPUT
HS3860


Similar Part No. - HS3860B

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
HS38MM KNIGHTSBRIDGE-HS38MM Datasheet
205Kb / 1P
38mm Bi-metal Holesaw
27/03/2024
More results

Similar Description - HS3860B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DAC-HK12BMM ETC-DAC-HK12BMM Datasheet
192Kb / 4P
HIGH PERFORMANCE 12 BIT DAC WITH INPUT REGISTERS
logo
Murata Power Solutions ...
DAC-HK12BGC MURATA-PS-DAC-HK12BGC Datasheet
59Kb / 4P
High-Performance, 12-Bit DAC?셲 with Input Registers
logo
DATEL, Inc.
DAC-HK DATEL-DAC-HK Datasheet
197Kb / 5P
High-Performance, 12-Bit DAC?셲 with Input Registers
DAC-88 DATEL-DAC-88 Datasheet
216Kb / 6P
High-Performance, 12-Bit DACs with Input Registers
logo
Analog Devices
AD7543 AD-AD7543_15 Datasheet
563Kb / 8P
Serial Input 12 Bit DAC
REV. B
AD7543JNZ AD-AD7543JNZ Datasheet
563Kb / 8P
CMOS Serial Input 12-Bit DAC
REV. B
AD5441 AD-AD5441 Datasheet
281Kb / 16P
12-Bit Serial Input Multiplying DAC
Rev. PrA
logo
Maxim Integrated Produc...
MX7543 MAXIM-MX7543 Datasheet
285Kb / 7P
CMOS Serial Input 12-Bit DAC
19-0240; Rev 2; 7/95
logo
Analog Devices
AD7543 AD-AD7543 Datasheet
559Kb / 8P
CMOS SERIAL INPUT 12-BIT DAC
REV. B
AD7543 AD-AD7543_17 Datasheet
594Kb / 9P
CMOS Serial Input 12-Bit DAC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com