Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5134 Datasheet(PDF) 7 Page - ams AG

Part # AS5134
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5134 Datasheet(HTML) 7 Page - ams AG

Back Button AS5134_04 Datasheet HTML 3Page - ams AG AS5134_04 Datasheet HTML 4Page - ams AG AS5134_04 Datasheet HTML 5Page - ams AG AS5134_04 Datasheet HTML 6Page - ams AG AS5134_04 Datasheet HTML 7Page - ams AG AS5134_04 Datasheet HTML 8Page - ams AG AS5134_04 Datasheet HTML 9Page - ams AG AS5134_04 Datasheet HTML 10Page - ams AG AS5134_04 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
www.austriamicrosystems.com/AS5134
Revision 2.3
6 - 32
AS5134
Datasheet - Electrical Character i s t ics
6.1 Timing Characteristics
CMOS Outputs: DIO, PWM, DX
VOH
High level output voltage
Source current < 4mA
VDD-0.5
VDD
V
VOL
Low level output voltage
Sink current < 4mA
0
VSS+0.4
V
CL
Capacitive load
35
pF
CMOS Tristate Output: DIO
IOZ
Tristate leakage current
CS = low
1
µA
Table 4. Timing Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
2-/3-Wire Data Transmission
3-Wire Interface
fDCLK
Clock Frequency
Normal operation
5
6
MHz
fDCLK,P
Clock Frequency
During OTP programming
200
650
kHz
2-Wire Interface
fDCLK
Clock Frequency
Normal operation
0.1
5
6
MHz
fDCLK,P
Clock Frequency
During OTP programming
200
500
kHz
General Data Transmission
t0
Rising DCLK to CS
15
-
ns
t1
Chip select to positive edge of DCLK
15
-
ns
t2
Chip select to drive bus externally
-
-
ns
t3
Setup time command bit,
Data valid to positive edge of DCLK
30
-
ns
t4
Hold time command bit,
Data valid after positive edge of DCLK
30
ns
t5
Float time,
Positive edge of DCLK for last command
bit to bus float
30
DCLK/2
ns
t6
Bus driving time,
Positive edge of DCLK for last command
bit to bus drive
DCLK/2
+0
DCLK/2
+30
ns
t7
Setup time data bit,
Data valid to positive edge of DCLK
DCLK/2
+0
DCLK/2
+30
ns
t8
Hold time data bit,
Data valid after positive edge of DCLK
DCLK/2
+0
DCLK/2
+30
ns
t9
Hold time chip select,
Positive edge DCLK to negative edge of
chip select
30
ns
t10
Bus floating time,
Negative edge of chip select to float bus
030
ns
tTO
Timeout period in 2-wire mode (from
rising edge of DCLK)
17
27
µs
tCLK
Clock Timing
200
ns
Table 3. Electrical Characteristics (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units


Similar Part No. - AS5134_04

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5134 AMSCO-AS5134 Datasheet
1Mb / 29P
   360 Step Programmable High Speed Magnetic Rotary Encoder
More results

Similar Description - AS5134_04

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5134 AMSCO-AS5134 Datasheet
1Mb / 29P
   360 Step Programmable High Speed Magnetic Rotary Encoder
AS5132 AMSCO-AS5132 Datasheet
481Kb / 27P
   360 Step Programmable High Speed Magnetic Rotary Encoder
logo
List of Unclassifed Man...
AS5040-ASST ETC2-AS5040-ASST Datasheet
1Mb / 34P
   10Bit 360 Programmable Magnetic Rotary Encoder
logo
ams AG
AS5040 AMSCO-AS5040_09 Datasheet
1Mb / 34P
   10Bit 360 Programmable Magnetic Rotary Encoder
AS5040 AMSCO-AS5040_1 Datasheet
699Kb / 33P
   10Bit 360 Programmable Magnetic Rotary Encoder
AS5140H AMSCO-AS5140H Datasheet
988Kb / 37P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5030 AMSCO-AS5030_07 Datasheet
891Kb / 44P
   8-Bit Programmable High Speed Magnetic Rotary Encoder
AS5030 AMSCO-AS5030_1 Datasheet
695Kb / 33P
   8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
AS5140H AMSCO-AS5140H_04 Datasheet
2Mb / 38P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5030 AMSCO-AS5030 Datasheet
283Kb / 3P
   8-BIT PROGRAMMABLE HIGH SPEED ABSOLUTE MAGNETIC ROTARY ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com