Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5134 Datasheet(PDF) 10 Page - ams AG

Part # AS5134
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5134 Datasheet(HTML) 10 Page - ams AG

Back Button AS5134_04 Datasheet HTML 6Page - ams AG AS5134_04 Datasheet HTML 7Page - ams AG AS5134_04 Datasheet HTML 8Page - ams AG AS5134_04 Datasheet HTML 9Page - ams AG AS5134_04 Datasheet HTML 10Page - ams AG AS5134_04 Datasheet HTML 11Page - ams AG AS5134_04 Datasheet HTML 12Page - ams AG AS5134_04 Datasheet HTML 13Page - ams AG AS5134_04 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
www.austriamicrosystems.com/AS5134
Revision 2.3
9 - 32
AS5134
Datasheet - Detailed Descr i pti on
7.3 Serial 3-Wire Read-only Connection
This connection is possible when the AS5134 is only used to provide the angular data (no power down or OTP access). The Chip Select (CS)
and Clock (DCLK) connection is the same as in the R/W mode, but only a digital input pin (not an I/O pin) is required for the DIO connection. As
the first 5 bits of the data transmission are command bits sent to the AS5134, both the microcontroller and the AS5134 are configured as digital
inputs during this phase. Therefore, a pull-down resistor must be added to make sure that the AS5134 reads “00000” as the first 5 bits, which
sets the Read_Angle command.
Note: All further application examples are shown in R/W mode, however read-only mode is also possible unless otherwise noted.
Figure 5. SSI Read-only Serial Data Transmission
Table 6. 2-or 3-wire Read-only Serial Bit Sequence (21bit read)
Command
Read Data
C4
C3
C2
C1
C0
D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
lock
AGC
Angle
+5V
VDD
VDD
CS
DCLK
DIO
VSS
VSS
C2
100nF
VSS
VDD
Input
Output
Output
10k…
100k
1
2
3
4
5
6
7
21
20
D15
D14
D1
D0
DCLK
DIO
CS
DIO
command phase
data phase
t1
t9
t10
DIO read
DIO write
8
D13
D12


Similar Part No. - AS5134_04

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5134 AMSCO-AS5134 Datasheet
1Mb / 29P
360 Step Programmable High Speed Magnetic Rotary Encoder
More results

Similar Description - AS5134_04

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5030 AMSCO-AS5030 Datasheet
283Kb / 3P
8-BIT PROGRAMMABLE HIGH SPEED ABSOLUTE MAGNETIC ROTARY ENCODER
AS5134 AMSCO-AS5134 Datasheet
1Mb / 29P
360 Step Programmable High Speed Magnetic Rotary Encoder
AS5030 AMSCO-AS5030_1 Datasheet
695Kb / 33P
8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
AS5040 AMSCO-AS5040_1 Datasheet
699Kb / 33P
10Bit 360 Programmable Magnetic Rotary Encoder
AS5140H AMSCO-AS5140H Datasheet
988Kb / 37P
10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5030 AMSCO-AS5030_07 Datasheet
891Kb / 44P
8-Bit Programmable High Speed Magnetic Rotary Encoder
AS5040 AMSCO-AS5040_09 Datasheet
1Mb / 34P
10Bit 360 Programmable Magnetic Rotary Encoder
AS5132 AMSCO-AS5132 Datasheet
481Kb / 27P
360 Step Programmable High Speed Magnetic Rotary Encoder
AS5140H AMSCO-AS5140H_04 Datasheet
2Mb / 38P
10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
logo
List of Unclassifed Man...
AS5040-ASST ETC2-AS5040-ASST Datasheet
1Mb / 34P
10Bit 360 Programmable Magnetic Rotary Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com