Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5134 Datasheet(PDF) 12 Page - ams AG

Part # AS5134
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5134 Datasheet(HTML) 12 Page - ams AG

Back Button AS5134_04 Datasheet HTML 8Page - ams AG AS5134_04 Datasheet HTML 9Page - ams AG AS5134_04 Datasheet HTML 10Page - ams AG AS5134_04 Datasheet HTML 11Page - ams AG AS5134_04 Datasheet HTML 12Page - ams AG AS5134_04 Datasheet HTML 13Page - ams AG AS5134_04 Datasheet HTML 14Page - ams AG AS5134_04 Datasheet HTML 15Page - ams AG AS5134_04 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
www.austriamicrosystems.com/AS5134
Revision 2.3
11 - 32
AS5134
Datasheet - Detailed Descr i pti on
7.5 Serial 2-Wire Differential SSI Connection
With the addition of a RS-422 / RS-485 transceiver, a fully differential data transmission, according to the 21-bit SSI interface standard is
possible. To be compatible with this standard, the DCLK signal must be inverted. This is done by reversing the Data+ and Data- lines of the
transceiver.
Note: This type of transmission is read-only.
Figure 7. 2-Wire SSI Read-only Mode
Refer to Table 6 on page 9 for information on 2-or 3-wire Read-only Serial Bit Sequence (21-bit read).
+5V
VDD
VDD
DCLK
DIO
VSS
VSS
C2
100nF
VSS
VDD
Input
Output
DCLK
DI
D+
D-
D+
D-
D-
D-
D+
D+
MAX 3081 or similar
1
2
3
4
5
6
7
8
20
21
D15
D14
D1
D0
timeout
tTO
DCLK
DI


Similar Part No. - AS5134_04

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5134 AMSCO-AS5134 Datasheet
1Mb / 29P
   360 Step Programmable High Speed Magnetic Rotary Encoder
More results

Similar Description - AS5134_04

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5134 AMSCO-AS5134 Datasheet
1Mb / 29P
   360 Step Programmable High Speed Magnetic Rotary Encoder
AS5132 AMSCO-AS5132 Datasheet
481Kb / 27P
   360 Step Programmable High Speed Magnetic Rotary Encoder
logo
List of Unclassifed Man...
AS5040-ASST ETC2-AS5040-ASST Datasheet
1Mb / 34P
   10Bit 360 Programmable Magnetic Rotary Encoder
logo
ams AG
AS5040 AMSCO-AS5040_09 Datasheet
1Mb / 34P
   10Bit 360 Programmable Magnetic Rotary Encoder
AS5040 AMSCO-AS5040_1 Datasheet
699Kb / 33P
   10Bit 360 Programmable Magnetic Rotary Encoder
AS5140H AMSCO-AS5140H Datasheet
988Kb / 37P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5030 AMSCO-AS5030_07 Datasheet
891Kb / 44P
   8-Bit Programmable High Speed Magnetic Rotary Encoder
AS5030 AMSCO-AS5030_1 Datasheet
695Kb / 33P
   8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
AS5140H AMSCO-AS5140H_04 Datasheet
2Mb / 38P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5030 AMSCO-AS5030 Datasheet
283Kb / 3P
   8-BIT PROGRAMMABLE HIGH SPEED ABSOLUTE MAGNETIC ROTARY ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com