Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5134 Datasheet(PDF) 15 Page - ams AG

Part # AS5134
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5134 Datasheet(HTML) 15 Page - ams AG

Back Button AS5134_04 Datasheet HTML 11Page - ams AG AS5134_04 Datasheet HTML 12Page - ams AG AS5134_04 Datasheet HTML 13Page - ams AG AS5134_04 Datasheet HTML 14Page - ams AG AS5134_04 Datasheet HTML 15Page - ams AG AS5134_04 Datasheet HTML 16Page - ams AG AS5134_04 Datasheet HTML 17Page - ams AG AS5134_04 Datasheet HTML 18Page - ams AG AS5134_04 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
www.austriamicrosystems.com/AS5134
Revision 2.3
14 - 32
AS5134
Datasheet - Detailed Descr i pti on
7.7 Analog Output
This configuration is similar to the PWM connection (only three lines including supply are required). With the addition of a lowpass filter at the
PWM output, this configuration produces an analog voltage that is proportional to the angle. This filter can be either passive (as shown in
Figure 11) or active. The lower the bandwidth of the filter, the less ripple of the analog output can be achieved. If the AS5134 angular data is
invalid, the PWM output will remain at low state and thus the analog output will be 0V. Pins that are not shown may be left open.
Figure 11. Data Transmission with Pulse Width Modulated (PWM) Output
7.8 Quadrature A/B/Index Output
The phase shift between channel A and B indicates the direction of the magnet movement. Channel A leads channel B at a clockwise rotation of
the magnet (top view) by 90 electrical degrees. Channel B leads channel A at a counter-clockwise rotation.
Figure 12. Incremental Output Modes
Table 7. Programming Options for the Quadrature Signals A/B/Index
Abi (13:12)
Function: output multiplexer for pin A,B,I
00
A
 pin A, B  pin B, I(index)  pin I default value)
01
step
 pin A, direction  pin B, I(index)  pin I
10
pulse
 pin A, direction  pin B, I(index)  pin I
1
1
off: LO
 pin A, LO  pin B, LO  pin I
+5V
VDD
AS5134
VDD
PWM
VSS
C2
CS
100nF
>=4k7
>=4k7
>=1µF
>=1µF
Analog
out
VSS
5V
0V
180º
360º
Analog out
PWM out
Angle
Index
B
A
Quad A/B/Index-Mode
max.
3 LSB
Index=0
1 LSB
Hyst=
2LSB
Mechanical
Zero Position
Mechanical
Zero Position
Rotation Direction
Change


Similar Part No. - AS5134_04

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5134 AMSCO-AS5134 Datasheet
1Mb / 29P
   360 Step Programmable High Speed Magnetic Rotary Encoder
More results

Similar Description - AS5134_04

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5134 AMSCO-AS5134 Datasheet
1Mb / 29P
   360 Step Programmable High Speed Magnetic Rotary Encoder
AS5132 AMSCO-AS5132 Datasheet
481Kb / 27P
   360 Step Programmable High Speed Magnetic Rotary Encoder
logo
List of Unclassifed Man...
AS5040-ASST ETC2-AS5040-ASST Datasheet
1Mb / 34P
   10Bit 360 Programmable Magnetic Rotary Encoder
logo
ams AG
AS5040 AMSCO-AS5040_09 Datasheet
1Mb / 34P
   10Bit 360 Programmable Magnetic Rotary Encoder
AS5040 AMSCO-AS5040_1 Datasheet
699Kb / 33P
   10Bit 360 Programmable Magnetic Rotary Encoder
AS5140H AMSCO-AS5140H Datasheet
988Kb / 37P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5030 AMSCO-AS5030_07 Datasheet
891Kb / 44P
   8-Bit Programmable High Speed Magnetic Rotary Encoder
AS5030 AMSCO-AS5030_1 Datasheet
695Kb / 33P
   8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
AS5140H AMSCO-AS5140H_04 Datasheet
2Mb / 38P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5030 AMSCO-AS5030 Datasheet
283Kb / 3P
   8-BIT PROGRAMMABLE HIGH SPEED ABSOLUTE MAGNETIC ROTARY ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com