Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5134 Datasheet(PDF) 19 Page - ams AG

Part # AS5134
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5134 Datasheet(HTML) 19 Page - ams AG

Back Button AS5134_04 Datasheet HTML 15Page - ams AG AS5134_04 Datasheet HTML 16Page - ams AG AS5134_04 Datasheet HTML 17Page - ams AG AS5134_04 Datasheet HTML 18Page - ams AG AS5134_04 Datasheet HTML 19Page - ams AG AS5134_04 Datasheet HTML 20Page - ams AG AS5134_04 Datasheet HTML 21Page - ams AG AS5134_04 Datasheet HTML 22Page - ams AG AS5134_04 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
www.austriamicrosystems.com/AS5134
Revision 2.3
18 - 32
AS5134
Datasheet - Detailed Descr i pti on
7.11 Serial Synchronous Interface (SSI)
Normal mode is used for normal operations, whereas extended mode is for accessing the OTP.
SM_RES: State machine reset of the digital part of the device (soft reset).
EN PROG: Enables the access to the OTP register in Extended Mode.
WRITE CONFIG: LP HI activates the sleep mode of the AS5134. The power consumption is significantly reduced. LP LO returns to normal
operation mode. During sleep mode, the lock_adc bit in command 0 is LO.
RD_MT Counter: Command for read out of multi turn register.
OTP_OK: Bit shows correct readout of the OTP register after startup. The bit is valid till the next OTP access.
RD_ANGLE: Command for read out of angle value and AGC value (agc). “Lock” indicates a locked ADC.
tst: Test bits for internal testing (must be left unchanged).
Hyst (11:10): Digital Hysteresis can be set via the digital interface 0, 1, 2 (default), 3 LSB
The hysteresis can be changed over the interface. An activation of the SM_RES bit is required. This can be performed in two steps -
1. Use WRITE CONFIG 1 command and write the selected hysteresis and SM_RES = ‘1’ into the device.
2. Use again WRITE CONFIG 1 command and release SM_RES = ‘0’ with the same hysteresis setting.
SET MT COUNTER: Command for setting the Multi Turn Counter to a defined value.
LP: Default "0"; "1" for using the low power function.
lock_adc: Indicates that the tracking adc is in a locked status. For a valid angle (the magnetic field has to be in a certain range, which is
indicated by the agc value) or a missing magnet the lock_adc is set.
Table 9. Commands of the SSI in Normal Mode
Digital interface at normal mode
#
cmd
bin
mode
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
23
WRITE
CONFIG 1
10111
write
LP
SM_
RES
tst
tst Hyst <1:0> tst
tst
tst
20
SET MT
COUNTER
10100
write
multi-turn-counter <8:0>
16
EN PROG
10000
write
1
0
0
01
10
01
01
01
11
0
4
RD MT
COUNTER
00100
read
multi-turn-counter <8:0>
OTP
_OK
0
RD_ANGLE
00000
read
lock_
adc
agc <5:0>
angle <8:0>
Hyst
Function
0
0
2 LSB (default value)
01
1
10
3
11
0


Similar Part No. - AS5134_04

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5134 AMSCO-AS5134 Datasheet
1Mb / 29P
360 Step Programmable High Speed Magnetic Rotary Encoder
More results

Similar Description - AS5134_04

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5030 AMSCO-AS5030 Datasheet
283Kb / 3P
8-BIT PROGRAMMABLE HIGH SPEED ABSOLUTE MAGNETIC ROTARY ENCODER
AS5134 AMSCO-AS5134 Datasheet
1Mb / 29P
360 Step Programmable High Speed Magnetic Rotary Encoder
AS5030 AMSCO-AS5030_1 Datasheet
695Kb / 33P
8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
AS5040 AMSCO-AS5040_1 Datasheet
699Kb / 33P
10Bit 360 Programmable Magnetic Rotary Encoder
AS5140H AMSCO-AS5140H Datasheet
988Kb / 37P
10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5030 AMSCO-AS5030_07 Datasheet
891Kb / 44P
8-Bit Programmable High Speed Magnetic Rotary Encoder
AS5040 AMSCO-AS5040_09 Datasheet
1Mb / 34P
10Bit 360 Programmable Magnetic Rotary Encoder
AS5132 AMSCO-AS5132 Datasheet
481Kb / 27P
360 Step Programmable High Speed Magnetic Rotary Encoder
AS5140H AMSCO-AS5140H_04 Datasheet
2Mb / 38P
10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
logo
List of Unclassifed Man...
AS5040-ASST ETC2-AS5040-ASST Datasheet
1Mb / 34P
10Bit 360 Programmable Magnetic Rotary Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com