Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5134 Datasheet(PDF) 20 Page - ams AG

Part # AS5134
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5134 Datasheet(HTML) 20 Page - ams AG

Back Button AS5134_04 Datasheet HTML 16Page - ams AG AS5134_04 Datasheet HTML 17Page - ams AG AS5134_04 Datasheet HTML 18Page - ams AG AS5134_04 Datasheet HTML 19Page - ams AG AS5134_04 Datasheet HTML 20Page - ams AG AS5134_04 Datasheet HTML 21Page - ams AG AS5134_04 Datasheet HTML 22Page - ams AG AS5134_04 Datasheet HTML 23Page - ams AG AS5134_04 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
WRITE OTP: Writing of the OTP register. The written data is volatile. “Zero Angle” is the angle, which is set for zero position. “Sensitivity” is the gain setting in the signal path. “Redundancy” is the
number of bits, which allows the customer to overwrite one of the customer OTP bits <0:15>.
PROG_OTP: Programming of the OTP register. Only Bits <0:20> can be programmed by the customer. The internal factory settings are locked by an “internal lock bit” and cannot be programmed.
READ_OTP: Read out the content of the OTP register. Data written by WRITE_OTP and PROG_OTP is read out.
READ ANA: Analog read out mode. The analog value of every OTP bit is available at pin 1 (PROG), which allows for a verification of the fuse process. No data is available at the SSI.
tst: Test bits for internal testing (must be left unchanged).
ID (59:42): Chip identifier to track the device in the field
lock_otp (21): To disable the programming of the factory bits – write access is still possible
r_add (20:17): The following OTP bits can be modified according to the requirements of the application.
r_bit (16): Redundancy bit (functionality is only implemented in the user region)
Sensitivity (15:14): Trim bit for the gain of the amplifier after the demodulator
abi (13:12): Mode selection for the incremental signals
uvw (11:9): Number of poles of the brush less dc motor - impact to the uvw signals
zero angle (8:0): Trim bit for the zero angle information
LP: Enables the low power mode to reduce the current consumption - digital registers are not reset.
Notes:
1. The Extended Mode can be enabled by sending command 16 (EN PROG).
2. The lock bit will be deleted during power down or sleep mode to ensure that the user is able to detect that the read out angle value is computed after the wake up sequence.
3. In extended mode 1 data bit (wirte/read) requires 4 clock cycles (see Figure 19).
Table 10. Commands of the SSI in Extended Mode
Digital interface at extended mode
Number of bits
Factory Settings
Customer Settings
2
18
1
1
4
4
1
4
2
3
1
4
1
2
2
3
9
#
cmd
bin
mode
61 ..60 59 ..42 41
40 39 ..36 35 ..32 31 30 ..27 26 ..25 24 ..22
21
20 ..17 16
15 ..14
13 ..12 11 ..9
8..0
31
WRITE OTP
11111
xt write
tst
ID
tst
tst
tst
tst
tst
tst
tst
tst
lock_otp (*) r_ add r_bit sensitivity
abi
uvw
zero
angle
25
PROG_OTP
11001
xt write
tst
ID
tst
tst
tst
tst
tst
tst
tst
tst
lock_otp (*) r_ add r_bit sensitivity
abi
uvw
zero
angle
15
READ_OTP
01111
xt read
tst
ID
tst
tst
tst
tst
tst
tst
tst
tst
lock_otp (*) r_ add r_bit sensitivity
abi
uvw
zero
angle
9
READ ANA
01001
xt read
tst
ID
tst
tst
tst
tst
tst
tst
tst
tst
lock_otp (*) r_ add r_bit sensitivity
abi
uvw
zero
angle


Similar Part No. - AS5134_04

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5134 AMSCO-AS5134 Datasheet
1Mb / 29P
   360 Step Programmable High Speed Magnetic Rotary Encoder
More results

Similar Description - AS5134_04

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5134 AMSCO-AS5134 Datasheet
1Mb / 29P
   360 Step Programmable High Speed Magnetic Rotary Encoder
AS5132 AMSCO-AS5132 Datasheet
481Kb / 27P
   360 Step Programmable High Speed Magnetic Rotary Encoder
logo
List of Unclassifed Man...
AS5040-ASST ETC2-AS5040-ASST Datasheet
1Mb / 34P
   10Bit 360 Programmable Magnetic Rotary Encoder
logo
ams AG
AS5040 AMSCO-AS5040_09 Datasheet
1Mb / 34P
   10Bit 360 Programmable Magnetic Rotary Encoder
AS5040 AMSCO-AS5040_1 Datasheet
699Kb / 33P
   10Bit 360 Programmable Magnetic Rotary Encoder
AS5140H AMSCO-AS5140H Datasheet
988Kb / 37P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5030 AMSCO-AS5030_07 Datasheet
891Kb / 44P
   8-Bit Programmable High Speed Magnetic Rotary Encoder
AS5030 AMSCO-AS5030_1 Datasheet
695Kb / 33P
   8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
AS5140H AMSCO-AS5140H_04 Datasheet
2Mb / 38P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5030 AMSCO-AS5030 Datasheet
283Kb / 3P
   8-BIT PROGRAMMABLE HIGH SPEED ABSOLUTE MAGNETIC ROTARY ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com