Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5134 Datasheet(PDF) 27 Page - ams AG

Part # AS5134
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5134 Datasheet(HTML) 27 Page - ams AG

Back Button AS5134_04 Datasheet HTML 23Page - ams AG AS5134_04 Datasheet HTML 24Page - ams AG AS5134_04 Datasheet HTML 25Page - ams AG AS5134_04 Datasheet HTML 26Page - ams AG AS5134_04 Datasheet HTML 27Page - ams AG AS5134_04 Datasheet HTML 28Page - ams AG AS5134_04 Datasheet HTML 29Page - ams AG AS5134_04 Datasheet HTML 30Page - ams AG AS5134_04 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
www.austriamicrosystems.com/AS5134
Revision 2.3
26 - 32
AS5134
Datasheet - Application In form atio n
8.4.2 Digital Readout Rate
Apart from the chip-internal propagation delay, the chip requires time to read and process the angle data. Due to its nature, a PWM signal is not
usable at high speeds, as you get only one reading per PWM period. Increasing the PWM frequency improves it. But problems will occur at the
receiving controller to resolve the PWM steps. The frequency on the AS5134 PWM output is typical 1.33kHz with a resolution of 2µs/step. A
more suitable approach for high speed absolute angle measurement is using the serial interface. With a clock rate of up to 6MHz, a complete set
of data (21bits) can be read in >3.5µs.
8.4.3 Low Power Mode
The target of this mode is to reduce the long time power consumption of the device for battery powered applications, without losing the actual
angle information.
In Low Power Mode, the AS5134 is inactive. The last state (for e.g. the angle, AGC value, etc.) is frozen and the chip starts from this frozen state
when it resumes active operation. This method provides much faster start-up than a “cold start” from zero. If the AS5134 is cycled between
active and reduced current mode, a substantial reduction of the average supply current can be achieved. The minimum dwelling time is <0.5 ms.
The actual active time depends on how much the magnet has moved while the AS5134 was in reduced power mode. The angle data is valid,
when the status bit LOCK has been set. Once a valid angle has been measured, the AS5134 can be put back to reduced power mode. The
average power consumption can be calculated as:
sampling interval = ton + toff
(EQ 2)
Where:
Iavg = Average current consumption
Iactive = Current consumption in active mode
Ipower_down = Ioff : Current consumption in reduced power mode (max. 120µA)
ton = Time period during which the chip is operated in active mode
toff = Time period during which the chip is in reduced power mode
To access the Low Power Mode, the bit ‘LP’ <15> of the digital interface has to be set to “1”.
Figure 20. Low Power Mode Connection
Reducing Power Supply Peak Currents. When the AS5134 is toggled between active and reduced power mode, there is the option to
add an RC-filter (R1/C1) to avoid peak currents at power supply. The value of R1 is set that it maintains a VDD voltage of 4.5V – 5.5V and
especially during long active periods the R1 must maintain the charge which C1 has expired. C1 can be set in such a way as it can support peak
currents during the active operation period. In case of long active periods, C1 has a great value and R1 has a small value.
Iavg
Iactiveton Ipowerdowntoff
+
ton toff
+
---------------------------------------------------------------------
=
R1
AS5134
VDD
C1
C2
100nF
VSS
+5V
VDD
Micro
Controller
CS
DCLK
DIO
VSS
VSS
VDD
on/off
S
N
Ion
Ioff
ton
toff


Similar Part No. - AS5134_04

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5134 AMSCO-AS5134 Datasheet
1Mb / 29P
360 Step Programmable High Speed Magnetic Rotary Encoder
More results

Similar Description - AS5134_04

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5030 AMSCO-AS5030 Datasheet
283Kb / 3P
8-BIT PROGRAMMABLE HIGH SPEED ABSOLUTE MAGNETIC ROTARY ENCODER
AS5134 AMSCO-AS5134 Datasheet
1Mb / 29P
360 Step Programmable High Speed Magnetic Rotary Encoder
AS5030 AMSCO-AS5030_1 Datasheet
695Kb / 33P
8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
AS5040 AMSCO-AS5040_1 Datasheet
699Kb / 33P
10Bit 360 Programmable Magnetic Rotary Encoder
AS5140H AMSCO-AS5140H Datasheet
988Kb / 37P
10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5030 AMSCO-AS5030_07 Datasheet
891Kb / 44P
8-Bit Programmable High Speed Magnetic Rotary Encoder
AS5040 AMSCO-AS5040_09 Datasheet
1Mb / 34P
10Bit 360 Programmable Magnetic Rotary Encoder
AS5132 AMSCO-AS5132 Datasheet
481Kb / 27P
360 Step Programmable High Speed Magnetic Rotary Encoder
AS5140H AMSCO-AS5140H_04 Datasheet
2Mb / 38P
10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
logo
List of Unclassifed Man...
AS5040-ASST ETC2-AS5040-ASST Datasheet
1Mb / 34P
10Bit 360 Programmable Magnetic Rotary Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com