Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5134 Datasheet(PDF) 31 Page - ams AG

Part # AS5134
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5134 Datasheet(HTML) 31 Page - ams AG

Back Button AS5134_04 Datasheet HTML 25Page - ams AG AS5134_04 Datasheet HTML 26Page - ams AG AS5134_04 Datasheet HTML 27Page - ams AG AS5134_04 Datasheet HTML 28Page - ams AG AS5134_04 Datasheet HTML 29Page - ams AG AS5134_04 Datasheet HTML 30Page - ams AG AS5134_04 Datasheet HTML 31Page - ams AG AS5134_04 Datasheet HTML 32Page - ams AG AS5134_04 Datasheet HTML 33Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
www.austriamicrosystems.com/AS5134
Revision 2.3
30 - 32
AS5134
Datasheet - Revision Hist ory
Revision History
Note: Typos may not be explicitly mentioned under revision history.
Revision
Date
Owner
Description
1.3
Jun 01, 2007
apg
Initial revision
1.5
May 21, 2008
Added Extended Operation Mode: Timing of Analog Readout (page 23)
1.6
Jul 07, 2008
Updated Connecting the AS5134 (page 7)
1.7
Jul 23, 2008
Updated Key Features (page 1), DC Characteristics of Digital Inputs and
Outputs (page 5)
Added Daisy Chain Mode (page 15)
1.8
Aug 12, 2008
Added Low Power Mode (page 26)
Added topic on ‘Accuracy’
Added Package Drawings and Markings (page 27)
1.9
Mar 10, 2009
rfu
Updated Timing Characteristics (page 6), 2-or 3-wire Read-only Serial Bit
Sequence (21bit read) (page 9), OTP Programming Connection (page 21),
Programming Verification (page 22)
1.10
Apr 29, 2009
mub
Updated Electrical Characteristics (page 5)
1.11
Jun 24, 2009
jja
Maximum speed modified from 25.000 rpm to 140.000 rpm across the
datasheet.
1.12
Sep 25, 2009
Maximum speed modified from 140.000 rpm to 82.000 rpm across the
datasheet.
1.13
Jan 27, 2010
apg
Updated Package Drawings and Markings (page 27)
1.14
Mar 30, 2010
mub
Modified the following chapters:
Key Features (page 1)
Absolute Maximum Ratings (page 4)
Electrical Characteristics (page 5)
Timing Characteristics (page 6)
1.15
Jun 29, 2010
apg
Updated PWM period (page 5), PWM frequency (page 5)
2.0
May 23, 2011
mub
Updated Absolute Maximum Ratings, 1-Wire PWM Connection, Package
Drawings and Markings
2.1
Nov 25, 2011
ekno
Updated PWM width (see Table 3), Programming Verification (page 22) and
Vertical Cross Section of SSOP-20 (page 28)
2.2
Feb 29, 2012
Updated Electrical Characteristics (page 5), Vertical Cross Section of SSOP-
20 (page 28), Rewrote Digital Readout Rate (page 26), Reducing Power
Supply Peak Currents (page 26)
2.3
Apr 26, 2012
mub
Updated ‘2FH’ to ‘3FH’ in Lock Status Bit (page 24)


Similar Part No. - AS5134_04

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5134 AMSCO-AS5134 Datasheet
1Mb / 29P
   360 Step Programmable High Speed Magnetic Rotary Encoder
More results

Similar Description - AS5134_04

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5134 AMSCO-AS5134 Datasheet
1Mb / 29P
   360 Step Programmable High Speed Magnetic Rotary Encoder
AS5132 AMSCO-AS5132 Datasheet
481Kb / 27P
   360 Step Programmable High Speed Magnetic Rotary Encoder
logo
List of Unclassifed Man...
AS5040-ASST ETC2-AS5040-ASST Datasheet
1Mb / 34P
   10Bit 360 Programmable Magnetic Rotary Encoder
logo
ams AG
AS5040 AMSCO-AS5040_09 Datasheet
1Mb / 34P
   10Bit 360 Programmable Magnetic Rotary Encoder
AS5040 AMSCO-AS5040_1 Datasheet
699Kb / 33P
   10Bit 360 Programmable Magnetic Rotary Encoder
AS5140H AMSCO-AS5140H Datasheet
988Kb / 37P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5030 AMSCO-AS5030_07 Datasheet
891Kb / 44P
   8-Bit Programmable High Speed Magnetic Rotary Encoder
AS5030 AMSCO-AS5030_1 Datasheet
695Kb / 33P
   8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
AS5140H AMSCO-AS5140H_04 Datasheet
2Mb / 38P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5030 AMSCO-AS5030 Datasheet
283Kb / 3P
   8-BIT PROGRAMMABLE HIGH SPEED ABSOLUTE MAGNETIC ROTARY ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com