Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5134 Datasheet(PDF) 6 Page - ams AG

Part # AS5134
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5134 Datasheet(HTML) 6 Page - ams AG

Back Button AS5134_04 Datasheet HTML 2Page - ams AG AS5134_04 Datasheet HTML 3Page - ams AG AS5134_04 Datasheet HTML 4Page - ams AG AS5134_04 Datasheet HTML 5Page - ams AG AS5134_04 Datasheet HTML 6Page - ams AG AS5134_04 Datasheet HTML 7Page - ams AG AS5134_04 Datasheet HTML 8Page - ams AG AS5134_04 Datasheet HTML 9Page - ams AG AS5134_04 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
www.austriamicrosystems.com/AS5134
Revision 2.3
5 - 32
AS5134
Datasheet - Electrical Character i s t ics
6 Electrical Characteristics
TAMB = -40 to 140ºC, VDD5V = 4.5-5.5V, all voltages referenced to VSS, unless otherwise noted.
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
Positive Supply Voltage
4.5
+5.5
V
IDD
Operating Current
No load on outputs. Supply current can be
reduced by using stronger magnets.
22
mA
Ioff
Power down current
Low Power Mode
70
120
µA
System Parameters
N
Resolution
8.5
Bit
1Deg
TPwrUp
Power Up Time
Startup from zero
4100
µs
Startup from Low Power mode
500
ts
Tracking rate
Step rate of tracking ADC;
1 step = 1º
5.2
µs/step
INLcm
Accuracy
Centered Magnet
-2
2
Deg
INLdm
Within horizontal displacement radius
-3
3
Deg
tdelay
Propagation delay
Internal signal processing time
22
µs
TN
Transition noise
Peak-Peak
1.41
Deg
Magnet Specifications
Bi
Magnetic Input Range
Required vertical component of the
magnetic field strength on the chip
surface, measured along a concentric
circle with a radius of 1 mm
20
80
mT
Vi
Magnet rotation speed
to maintain locked state
76875
rpm
PWM Output
tPWM
PWM period
600
750
900
µs
fPWM
PWM frequency
1 / PWM period
1.11
1.33
1.66
kHz
Programming Parameters
VPROG
Programming Voltage
Static voltage at pin Prog
8.0
8.5
V
TambPROG
Programming ambient temperature
During programming
0
85
ºC
tPROG
Programming time
Timing is internally generated
2
4
µs
VR,prog
Analog readback voltage
During analog readback mode at pin Prog
0.5
V
VR,unprog
23.5
Hall Element Sensitivity Options
sens
Hall Element sensitivity setting
sens = 00 (default)
1.60
1.65
1.75
X
sens = 01
1.79
1.88
1.98
sens = 10
2.01
2.11
2.22
sens = 11
2.23
2.35
2.47
DC Characteristics of Digital Inputs and Outputs
CMOS Inputs: DDCLK, CS, DIO, C2
VIH
High level input voltage
0.7*VDD
VDD
V
VIL
Low level input voltage
00.3*VDD
V
ILEAK
Input leakage current
1µA


Similar Part No. - AS5134_04

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5134 AMSCO-AS5134 Datasheet
1Mb / 29P
   360 Step Programmable High Speed Magnetic Rotary Encoder
More results

Similar Description - AS5134_04

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5134 AMSCO-AS5134 Datasheet
1Mb / 29P
   360 Step Programmable High Speed Magnetic Rotary Encoder
AS5132 AMSCO-AS5132 Datasheet
481Kb / 27P
   360 Step Programmable High Speed Magnetic Rotary Encoder
logo
List of Unclassifed Man...
AS5040-ASST ETC2-AS5040-ASST Datasheet
1Mb / 34P
   10Bit 360 Programmable Magnetic Rotary Encoder
logo
ams AG
AS5040 AMSCO-AS5040_09 Datasheet
1Mb / 34P
   10Bit 360 Programmable Magnetic Rotary Encoder
AS5040 AMSCO-AS5040_1 Datasheet
699Kb / 33P
   10Bit 360 Programmable Magnetic Rotary Encoder
AS5140H AMSCO-AS5140H Datasheet
988Kb / 37P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5030 AMSCO-AS5030_07 Datasheet
891Kb / 44P
   8-Bit Programmable High Speed Magnetic Rotary Encoder
AS5030 AMSCO-AS5030_1 Datasheet
695Kb / 33P
   8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
AS5140H AMSCO-AS5140H_04 Datasheet
2Mb / 38P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5030 AMSCO-AS5030 Datasheet
283Kb / 3P
   8-BIT PROGRAMMABLE HIGH SPEED ABSOLUTE MAGNETIC ROTARY ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com