Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1212C2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1212C2
Description  Momentary pushbutton switches - round plunger
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1212C2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1212C2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1212C2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1212C2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1212C2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
B-112
APEM
www.apem.com
1200 series
Momentary pushbutton switches - round plunger
Solder lug/quick-connect terminals - screw terminals
B
6.35x0.80
(.25x.031)
(.122DIA)
Ø3.10
(.031)
(.118DIAx0.50)
Ø3.00x0.50
0.80
6.35
(.25)
(.25)
6.35
0.80
Ø3.00x0.50
(.118DIAx0.50)
(.031)
Single pole configurations
• Approved models : see following pages
• Panel cut-out : Ø 12,2 (.480)
6.35x0.80
(.25x.031)
(.059DIA)
Ø.50
Screw terminals
Solder lug/quick-connect terminals
MODEL
STRUCTURE
NO
NC
(function 3)
(function 2)
1212
Normally Closed
1213
Normally Open
1222
Normally Closed
1223
Normally Open
Keyway
122.
121.
123.
120.
Keyway
Keyway
(.25x0.031)
13.20
(.551)
(.669)
(.472DIAx0.75 IS)
14.00
6.35x0.80
(.519)
17.00
Ø12.00x0.75 SI
Ø8.00
(.315DIA)
14.00
(.551)
17.00
(.519)
(.669)
13.20
Ø12.00x0.75 SI
(.472DIAx0.75 IS)
(.315DIA)
Ø8.00
Normalized quick-connect terminals
1232
Normally Closed
1233
Normally Open
(.669)
17.00
(.472DIAx0.75 IS)
ø12.00x0.75 SI
6.35x0.80
(.519)
(.25x0.031)
(.551)
14.00
13.20
ø8.00
(.315DIA)
(.059DIA)
ø1.50
Keyway
Plunger height : NO model : 7,50 mm, NC model : 5,80 mm


Similar Part No. - 1212C2

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1212C ALPHAWIRE-1212C Datasheet
99Kb / 4P
Customer Specification
8/30/2022
1212C ALPHAWIRE-1212C Datasheet
98Kb / 4P
Customer Specification
12/2/2022
1212C ALPHAWIRE-1212C_V01 Datasheet
98Kb / 4P
Customer Specification
12/2/2022
More results

Similar Description - 1212C2

ManufacturerPart #DatasheetDescription
logo
ITT Industries
E112SD1ABE ITT-E112SD1ABE Datasheet
698Kb / 6P
Sealed Momentary Pushbutton Switches
E010 ITT-E010 Datasheet
386Kb / 6P
Sealed Momentary Pushbutton Switches
logo
GREATECS
PB9 GREATECS-PB9 Datasheet
982Kb / 1P
Momentary Pushbutton Switches with LED
logo
C&K Components
8020 CK-COMPONENTS-8020 Datasheet
1Mb / 17P
Snap-acting Momentary Pushbutton Switches
E010 CK-COMPONENTS-E010 Datasheet
467Kb / 6P
Sealed Momentary Pushbutton Switches
logo
List of Unclassifed Man...
1212MA ETC-1212MA Datasheet
286Kb / 7P
Momentary pushbutton switches - round plunger
1400N ETC-1400N Datasheet
147Kb / 3P
Momentary pushbutton switches - snap-in mounting - square plunger
1202A2 ETC2-1202A2 Datasheet
286Kb / 7P
Momentary pushbutton switches - round plunger
U411A ETC2-U411A Datasheet
286Kb / 7P
Momentary pushbutton switches - round plunger
logo
C&K Components
E010 CK-COMPONENTS-E010_V01 Datasheet
885Kb / 6P
Sealed Momentary Pushbutton Switches
17 Mar 22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com