Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF10K20 Datasheet(PDF) 4 Page - Altera Corporation

Part # EPF10K20
Description  Embedded Programmable Logic Device Family
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF10K20 Datasheet(HTML) 4 Page - Altera Corporation

  EPF10K20 Datasheet HTML 1Page - Altera Corporation EPF10K20 Datasheet HTML 2Page - Altera Corporation EPF10K20 Datasheet HTML 3Page - Altera Corporation EPF10K20 Datasheet HTML 4Page - Altera Corporation EPF10K20 Datasheet HTML 5Page - Altera Corporation EPF10K20 Datasheet HTML 6Page - Altera Corporation EPF10K20 Datasheet HTML 7Page - Altera Corporation EPF10K20 Datasheet HTML 8Page - Altera Corporation EPF10K20 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 128 page
background image
4
Altera Corporation
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Table 4. FLEX 10K Package Options & I/O Pin Count
Note (1)
Device
84-Pin
PLCC
100-Pin
TQFP
144-Pin TQFP
208-Pin
PQFP
RQFP
240-Pin
PQFP
RQFP
EPF10K10
59
102
134
EPF10K10A
66
102
134
EPF10K20
102
147
189
EPF10K30
147
189
EPF10K30A
102
147
189
EPF10K40
147
189
EPF10K50
189
EPF10K50V
189
EPF10K70
189
EPF10K100
EPF10K100A
189
EPF10K130V
EPF10K250A
Table 5. FLEX 10K Package Options & I/O Pin Count (Continued)
Note (1)
Device
503-Pin
PGA
599-Pin
PGA
256-Pin
FineLine BGA
356-Pin
BGA
484-Pin
FineLine BGA
600-Pin
BGA
403-Pin
PGA
EPF10K10
EPF10K10A
150
150 (2)
EPF10K20
EPF10K30
246
EPF10K30A
191
246
246
EPF10K40
EPF10K50
274
310
EPF10K50V
274
EPF10K70
358
EPF10K100
406
EPF10K100A
274
369
406
EPF10K130V
470
470
EPF10K250A
470
470


Similar Part No. - EPF10K20

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K20 ALTERA-EPF10K20 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20 ALTERA-EPF10K20 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20 ALTERA-EPF10K20 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPF10K20 ALTERA-EPF10K20 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20 ALTERA-EPF10K20 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results

Similar Description - EPF10K20

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K10TC144-4N ALTERA-EPF10K10TC144-4N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K30AQI240-3 ALTERA-EPF10K30AQI240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
FLEX10K ALTERA-FLEX10K_03 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RI240-4 ALTERA-EPF10K20RI240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K50VQC240-3 ALTERA-EPF10K50VQC240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATC144-3 ALTERA-EPF10K10ATC144-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATI144-3N ALTERA-EPF10K10ATI144-3N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100ABC356-3 ALTERA-EPF10K100ABC356-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10QC208-4 ALTERA-EPF10K10QC208-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RC208-4 ALTERA-EPF10K20RC208-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RC240-4 ALTERA-EPF10K20RC240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com