Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC6011 Datasheet(PDF) 5 Page - Sanken electric

Part # 2SC6011
Description  Audio Amplification Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SC6011 Datasheet(HTML) 5 Page - Sanken electric

  2SC6011 Datasheet HTML 1Page - Sanken electric 2SC6011 Datasheet HTML 2Page - Sanken electric 2SC6011 Datasheet HTML 3Page - Sanken electric 2SC6011 Datasheet HTML 4Page - Sanken electric 2SC6011 Datasheet HTML 5Page - Sanken electric 2SC6011 Datasheet HTML 6Page - Sanken electric 2SC6011 Datasheet HTML 7Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
SANKEN ELECTRIC CO., LTD.
38102, Rev. 1
Audio Amplification Transistor
2SC6011
Leadframe plating Pb-free. Device composition
includes high-temperature solder (Pb >85%),
which is exempted from the RoHS directive.
15.6 ±0.3
5.0 MAX
2.1 MAX
Terminal dimension at lead tip
1.0
+0.2
–0.1
2
+0.2
–0.1
2
+0.2
–0.1
1.7
+0.2
–0.1
3
+0.2
–0.1
0.6
+0.2
–0.1
Branding
Area
XXXXXXXX
XXXXX
XXXXX
Branding codes (exact appearance at manufacturer discretion):
1st line,
type: C6011
2nd line left, lot:
YM
Where: Y is the last digit of the year of manufacture
M is the month (1 to 9, O, N, D)
2nd line right, subtype:
H
Where: H is the hFE rating (O, P, or Y; for values see
footnote, Electrical Characteristics table)
12
3
5.45 ±0.1
14.0 ±0.3
13.6 ±0.2
9.6 ±0.2
15.8 ±0.2
Gate burr: 0.3 mm (max.), mold flash may appear at opposite side
Terminal core material: Cu
Terminal treatment: Ni plating and Pb-free solder dip
Leadform: 100
Package: TO-3P (M100)
Approximate weight: 6 g
Dimensions in millimeters
View A
0.7 MAX
View B
0.7 MAX
View A
View B
Exposed
heatsink pad
Package Outline Drawing, TO-3P


Similar Part No. - 2SC6011

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2SC6011 ALLEGRO-2SC6011 Datasheet
282Kb / 7P
   Audio Amplification Transistor
logo
Inchange Semiconductor ...
2SC6011 ISC-2SC6011 Datasheet
249Kb / 2P
   isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
2SC6011 NJSEMI-2SC6011 Datasheet
123Kb / 2P
   Silicon NPN Power Transistor
logo
Allegro MicroSystems
2SC6011A ALLEGRO-2SC6011A Datasheet
282Kb / 7P
   Audio Amplification Transistor
logo
Inchange Semiconductor ...
2SC6011A ISC-2SC6011A Datasheet
254Kb / 2P
   isc Silicon NPN Power Transistor
More results

Similar Description - 2SC6011

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SA2151 SANKEN-2SA2151 Datasheet
221Kb / 7P
   Audio Amplification Transistor
logo
Allegro MicroSystems
2SA2151 ALLEGRO-2SA2151 Datasheet
279Kb / 7P
   Audio Amplification Transistor
2SA2151A ALLEGRO-2SA2151A Datasheet
279Kb / 7P
   Audio Amplification Transistor
2SC6011 ALLEGRO-2SC6011 Datasheet
282Kb / 7P
   Audio Amplification Transistor
logo
Sanken electric
2SC6145 SANKEN-2SC6145 Datasheet
225Kb / 6P
   Audio Amplification Transistor
2SA2151A SANKEN-2SA2151A Datasheet
221Kb / 7P
   Audio Amplification Transistor
2SC6011A SANKEN-2SC6011A Datasheet
223Kb / 7P
   Audio Amplification Transistor
logo
Allegro MicroSystems
2SC6011A ALLEGRO-2SC6011A Datasheet
282Kb / 7P
   Audio Amplification Transistor
logo
Sanken electric
2SA2223A SANKEN-2SA2223A Datasheet
226Kb / 6P
   Audio Amplification Transistor
2SA2223 SANKEN-2SA2223 Datasheet
226Kb / 6P
   Audio Amplification Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com