Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L152C8T6 Datasheet(PDF) 101 Page - STMicroelectronics

Part # STM8L152C8T6
Description  8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152C8T6 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM8L152C8T6 Datasheet HTML 97Page - STMicroelectronics STM8L152C8T6 Datasheet HTML 98Page - STMicroelectronics STM8L152C8T6 Datasheet HTML 99Page - STMicroelectronics STM8L152C8T6 Datasheet HTML 100Page - STMicroelectronics STM8L152C8T6 Datasheet HTML 101Page - STMicroelectronics STM8L152C8T6 Datasheet HTML 102Page - STMicroelectronics STM8L152C8T6 Datasheet HTML 103Page - STMicroelectronics STM8L152C8T6 Datasheet HTML 104Page - STMicroelectronics STM8L152C8T6 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 134 page
background image
DocID17943 Rev 6
101/134
STM8L15xx8, STM8L15xR6
Electrical parameters
121
Figure 35. Typical NRST pull-up resistance RPU vs. VDD
Figure 36. Typical NRST pull-up current Ipu vs. VDD
The reset network shown in Figure 37 protects the device against parasitic resets. The user
must ensure that the level on the NRST pin can go below the VIL max. level specified in
Table 42. Otherwise the reset is not taken into account internally. For power consumption-
sensitive applications, the capacity of the external reset capacitor can be reduced to limit the
charge/discharge current. If the NRST signal is used to reset the external circuitry, the user
must pay attention to the charge/discharge time of the external capacitor to meet the reset
timing conditions of the external devices. The minimum recommended capacity is 10 nF.
Figure 37. Recommended NRST pin configuration
0.1 F
EXTERNAL
RESET
CIRCUIT
STM8L
RSTIN
MS32619V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com